Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75LXUTR Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS75LXUTR
Description  Digital Thermometer and Thermostat with Extended Addressing
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75LXUTR Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS75LXUTR Datasheet HTML 4Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 5Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 6Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 7Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 8Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 9Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 10Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 11Page - Dallas Semiconductor DS75LXUTR Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DS75LX: Digital Thermometer and Thermostat with Extended Addressing
8 of 13
Table 2. Configuration Register Bit Descriptions
BIT NAME
DESCRIPTION
0
Reserved
Power-Up State = 0
The master can write to this bit, but it always reads out as a 0.
R1
Conversion Resolution Bit 1
Power-Up State = 0
Sets conversion resolution (see Table 3).
R0
Conversion Resolution Bit 0
Power-Up State = 0
Sets conversion resolution (see Table 3).
F1
Thermostat Fault Tolerance Bit 1
Power-Up State = 0
Sets the thermostat fault tolerance (see Table 4).
F0
Thermostat Fault Tolerance Bit 0
Power-Up State = 0
Sets the thermostat fault tolerance (see Table 4).
POL
Thermostat Output (O.S.) Polarity
Power-Up State = 0
POL = 0 — O.S. is active low.
POL = 1 — O.S. is active high.
TM
Thermostat Operating Mode
Power-Up State = 0
TM = 0 — Comparator mode.
TM = 1 — Interrupt mode.
See the Operation—Thermostat section for a detailed description of
these modes.
SD
Shutdown
Power-Up State = 0
SD = 0 — Active conversion and thermostat operation.
SD = 1 — Shutdown mode.
See the Shutdown Mode section for a detailed description of this mode.
Table 3. Resolution Configuration
R1
R0
THERMOMETER
RESOLUTION (BITS)
MAX CONVERSION
TIME (ms)
0
0
9
25
0
1
10
50
1
0
11
100
1
1
12
200
Table 4. Fault Tolerance Configuration
F1
F0
CONSECUTIVE OUT-OF-LIMITS
CONVERSIONS TO TRIGGER O.S.
0
0
1
0
1
2
1
0
4
1
1
6
REGISTER POINTER
The four DS75LX registers each have a unique two-bit pointer designation, which is defined in Table 5. When
reading from or writing to the DS75LX, the user must “point” the DS75LX to the register that is to be accessed.
When reading from the DS75LX, once the pointer is set it remains pointed at the same register until it is changed.
For example, if the user wants to perform consecutive reads from the temperature register, the pointer only has to
be set to the temperature register one time, after which all reads will automatically be from the temperature register
until the pointer value is changed. On the other hand, when writing to the DS75LX, the pointer value must be
refreshed each time a write is performed, even if the same register is being written to twice in a row.
At power-up, the default pointer value is the temperature register so the temperature register can be read
immediately without resetting the pointer.
Changes to the pointer setting are accomplished as described in the 2-Wire Serial Data Bus.


Similar Part No. - DS75LXUTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LXUT MAXIM-DS75LXUT Datasheet
228Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
050307
More results

Similar Description - DS75LXUTR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LX MAXIM-DS75LX Datasheet
228Kb / 13P
   Digital Thermometer and Thermostat with Extended Addressing
050307
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com