Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11059-01WT Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S11059-01WT
Description  Digital color sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11059-01WT Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S11059-01WT Datasheet HTML 1Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 2Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 3Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 4Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 5Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 6Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 7Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 8Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Digital color sensor
S11059-02DT/-03DS
4
Action
Data body
Ack
Remark
Address call (0x2A)
S
0101010
W
A
7-bit address
Register call (0x00)
00000000
A
Calls control byte
Register write (0x84)
10000100
A
ADC reset, standby disabled
Address call (0x2A)
Sr
0101010
W
A
Restart, address
Register call (0x00)
00000000
A
Calls control byte
Register write (0x04)
00000100
A
P ADC reset disabled, bus release
Wait longer than integration time (>2184 ms)
Address call (0x2A)
S
0101010
W
A
7-bit address
Register call (0x03)
00000011
A
Calls output data byte
Address call (0x2A)
Sr
0101010
R
A
Changes to read mode
Data read out (R: MSB)
XXXXXXXX
A
Red data output
Data read out (R: LSB)
XXXXXXXX
A
Data read out (G: MSB)
XXXXXXXX
A
Green data output
Data read out (G: LSB)
XXXXXXXX
A
Data read out (B: MSB)
XXXXXXXX
A
Blue data output
Data read out (B: LSB)
XXXXXXXX
A
Data read out (Infrared: MSB)
XXXXXXXX
A
Infrared data output
Data read out (Infrared: LSB)
XXXXXXXX
-
A
P
S=Start condition, Sr=Restart condition, A=Acknowledge,
A=Acknowledge by host, P=Stop condition, R=Read mode (1),
W=Write mode (0), -
A=not acknowledge
Command
Format
Program example
Condition 1: Initial setting [manual setting mode, low gain, Tint=00 (175 μs), integration time 546 ms/ch (0x0C30 is set in manual timing register)]
SW
A
WA
A
A
Sr
0x2A (7 bits)
A
0x2A (7 bits)
SW
A
0x2A (7 bits)
A
Sensor data
A
Sensor data
A
Sensor data
A
Sensor data
from master to slave
from slave to master
A
Sensor data
A
Sensor data
A
Sensor data
A
P
Sensor data
Sr
Wait
0x2A (7 bits)
0x00
0x03
0x84
A
A
P
R
A
0x00
0x04


Similar Part No. - S11059-01WT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT Datasheet
214Kb / 9P
   I2C interface-compatible color sensor
S11059-01WT HAMAMATSU-S11059-01WT_15 Datasheet
381Kb / 11P
   Color sensor
More results

Similar Description - S11059-01WT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-02DT HAMAMATSU-S11059-02DT_15 Datasheet
899Kb / 11P
   Digital color sensor
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
logo
List of Unclassifed Man...
C3038 ETC2-C3038 Datasheet
54Kb / 1P
   1/4??Color Sensor Module With Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com