Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9706 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9706
Description  Digital color sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9706 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9706 Datasheet HTML 1Page - Hamamatsu Corporation S9706 Datasheet HTML 2Page - Hamamatsu Corporation S9706 Datasheet HTML 3Page - Hamamatsu Corporation S9706 Datasheet HTML 4Page - Hamamatsu Corporation S9706 Datasheet HTML 5Page - Hamamatsu Corporation S9706 Datasheet HTML 6Page - Hamamatsu Corporation S9706 Datasheet HTML 7Page - Hamamatsu Corporation S9706 Datasheet HTML 8Page - Hamamatsu Corporation S9706 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Digital color sensor
S11059-02DT/-03DS
2
Electrical and optical characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range*4
λ
Blue
400 to 540
nm
Green
455 to 630
Red
575 to 660
Infrared, more than 700 nm
785 to 885
Peak sensitivity wavelength
λp
Blue
-
460
-
nm
Green
-
530
-
Red
-
615
-
Infrared, more than 700 nm
-
855
-
Current consumption
Operating mode
Idd
E=0 lx (dark state),
excluding output current
30
75
150
μA
Standby mode
Idds
0.1
1.0
3.0
Dark count
Sd
E=0 lx (dark state)
-
-
5
counts
Gain ratio
rg
High gain/Low gain
-
10
-
-
Photosensitivity
Low gain
Sbl
Blue
Initial setting
2.4
4.4
6.4
counts/lx
Sgl
Green
4.6
8.3
12.0
Srl
Red
6.2
11.2
16.3
Sirl
Infrared
-
3.0
-
Sbl
Blue
Initial setting*5
3.3
4.4
5.5
Sgl
Green
6.2
8.3
10.4
Srl
Red
8.4
11.2
14.0
Sirl
Infrared
-
3.0
-
Red/Blue sensi. ratio
Low gain
Srl/Sbl
Initial setting
Same chip
1.9
2.6
3.2
-
Red/Green sensi. ratio
Srl/Sgl
1.0
1.4
1.7
Blue/Green sensi. ratio
Sbl/Sgl
0.4
0.6
0.7
Photosensitivity
High gain
Sbh
Blue
Integration time
546 ms/ch
24.0
44.8
65.5
counts/lx
Sgh
Green
46.5
85.0
123.5
Srh
Red
64.0
117.0
170.0
Sirh
Infrared
-
30.0
-
Sbh
Blue
Integration time
546 ms/ch*5
33.5
45.0
56.5
Sgh
Green
63.5
85.0
106.5
Srh
Red
88.0
117.0
146.5
Sirh
Infrared
-
30.0
-
Red/Blue sensi. ratio
High gain
Srh/Sbh
Integration time 546 ms/ch
Same chip
1.9
2.6
3.3
-
Red/Green sensi. ratio
Srh/Sgh
1.0
1.4
1.8
Blue/Green sensi. ratio
Sbh/Sgh
0.4
0.6
0.7
*3: Provide light shielding so that no light enters from anywhere other than the top surface of the filter.
*4: Relative sensitivity=more than 10%
*5: Integration time is measured and corrected. See "Compensation method for sensitivity variation". Integration time measurement
accuracy is 0.36%.
Sensor section [Ta=25 °C, Vdd=Vbus=3.3 V, A light source, unless otherwise noted (initial setting: low gain, integration time: 546 ms/ch)]*3
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
I2C address
ADDR
7 bits
0x2A (0101010)
I2C clock frequency
fclk
1
-
400
kHz
SDA, SCL output
voltage
High level
Voh
Rp=2.2 kΩ
0.7 Vbus
-
-
V
Low level
Vol
Rp=2.2 kΩ
0
-
0.4
V
Input/output terminal capacitance
Ci
-
-
20
pF
SDA/SCL output fall time*6
tf
Rp=2.2 kΩ, Cp=400 pF
-
-
250
ns
*6: SCL/SDA output rise time is determined by a time constant of Cbus × Rp.
Note: The I2C interface (SDA, SCL) timings conform to the "I2C bus specification version 2.1".
I2C section (Ta=25 °C, Vdd=3.3 V, unless otherwise noted)


Similar Part No. - S9706

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
More results

Similar Description - S9706

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-02DT HAMAMATSU-S11059-02DT_15 Datasheet
899Kb / 11P
   Digital color sensor
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
logo
List of Unclassifed Man...
C3038 ETC2-C3038 Datasheet
54Kb / 1P
   1/4??Color Sensor Module With Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com