Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9702 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S9702
Description  Digital color sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9702 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S9702 Datasheet HTML 1Page - Hamamatsu Corporation S9702 Datasheet HTML 2Page - Hamamatsu Corporation S9702 Datasheet HTML 3Page - Hamamatsu Corporation S9702 Datasheet HTML 4Page - Hamamatsu Corporation S9702 Datasheet HTML 5Page - Hamamatsu Corporation S9702 Datasheet HTML 6Page - Hamamatsu Corporation S9702 Datasheet HTML 7Page - Hamamatsu Corporation S9702 Datasheet HTML 8Page - Hamamatsu Corporation S9702 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Digital color sensor
S11059-02DT/-03DS
3
Register map
Adrs
Function
bit
76
5
4
3
2
1
0
00
Control
ADC reset
1: Reset
0: Operation
Standby function
1: Standby mode
0: Operating mode
Standby function
monitor
-
Gain selection
1: High gain
0: Low gain
Integration mode
1: Manual setting mode
0: Fixed period mode
Integration time setting
(00) 87.5 μs, (01) 1.4 ms
(10) 22.4 ms, (11) 179.2 ms
01
Manual timing register
Integration time manual setting register (MSB)
02
Integration time manual setting register (LSB)
03
Sensor data register
(red)
Output data (red, MSB)
04
Output data (red, LSB)
05
Sensor data register
(green)
Output data (green, MSB)
06
Output data (green, LSB)
07
Sensor data register
(blue)
Output data (blue, MSB)
08
Output data (blue, LSB)
09
Sensor data register
(infrared)
Output data (infrared, MSB)
0A
Output data (infrared, LSB)
Adrs 00 bit 7: Asserting this bit to “1”, the ADC block is reset. The register data is not reset. To start the operation, set this bit to “0”.
Adrs 00 bit 6: Asserting this bit to “1” the device goes into standby mode. The ADC block stops its operation. The register data is not
reset. To start the operation, set this bit to “0”.
Adrs 00 bit 5: This monitors auto standby function. “1” means standby mode. This is read only.
Adrs 00 bit 3: Gain selection bit. “1” is high gain mode and “0” is low gain mode. This bit is selecting the photodiode area. The size ratio
of high gain photodiode area and low gain photodiode area is 10 : 1. Therefore the gain ratio is 10 times from low to
high.
Adrs 00 bit 2: Asserting this bit to “1”, the device goes into manual setting mode. Deasserting this bit to 0, goes into fixed period mode.
In manual setting mode, the S11059-02DT automatically goes to standby mode after a measurement is made. In fixed
period mode, measurements are continuously repeated.
Adrs 00 bit 1,0: These bits select the period of internal basis clock. The period is equal to integration time per color in fixed period mode.
“00” is 87.5 us, “01” is 1.4 ms, “10” is 22.4 ms, “11” is 179.2 ms. In manual setting mode, “00” is 175 μs, “01” is 2.8 ms, “10”
is 44.8 ms, “11” is 368 ms. The integration time per color is set to multiple value (Adrs 01 & 02) with the period.
Adrs 01 & 02: This is a multiple value setting in manual setting mode, and can be set to a minimum of 0x0000 and a maximum of
0xFFFF (65535). This is used to set how far to expand the integration time per color which specified by “Integration time
setting” (Tint). For example, if you want to set the integration time per color to 546 ms, set 175 μs by Tint=“00” and then
set this register to N=3120 (0xC30).
Initial setting [Low gain, manual setting mode, Tint=00 (175 μs), integartion time 546 ms/ch]
Adrs
Function
bit
Hex
76543210
00
Control
1
1
1
-
0
1
0
0
0xE4
01
Manual timing register
0
0
0
0
1
1
0
0
0x0C
02
0
0
1
1
0
0
0
0
0x30
Mode
Manual timing register
(Adrs 01 & 02)
Integration time setting (Tint)
00
01
10
11
Fixed period mode
Disabled
87.5 μs
1.4 ms
22.4 ms
179.2 ms
Manual setting mode
N
175 × N μs
2.8 × N ms
44.8 × N ms
358.4 × N ms
Adrs 03 to 0A: These bytes are register for sensor data. S11059-02DT measurement result is stored in these registers when the I2C
command is changed to read mode. The values are kept until next read cycle.


Similar Part No. - S9702

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9702 HAMAMATSU-S9702 Datasheet
95Kb / 2P
   Si photodiode RGB color sensor
S9702 HAMAMATSU-S9702 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
S9702 HAMAMATSU-S9702_15 Datasheet
224Kb / 4P
   S9702_15
More results

Similar Description - S9702

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-02DT HAMAMATSU-S11059-02DT_15 Datasheet
899Kb / 11P
   Digital color sensor
S9706 HAMAMATSU-S9706_15 Datasheet
311Kb / 6P
   Digital color sensor
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
   Digital color sensor 12-bit digital output
logo
AVAGO TECHNOLOGIES LIMI...
ADJD-S311-CR999 AVAGO-ADJD-S311-CR999 Datasheet
445Kb / 20P
   Miniature Surface Mount RGB Digital Color Sensor
ADJD-S313-QR999 AVAGO-ADJD-S313-QR999 Datasheet
195Kb / 16P
   Miniature Surface-Mount RGB Digital Color Sensor
ADJD-S312-CR999 AVAGO-ADJD-S312-CR999 Datasheet
267Kb / 18P
   Miniature Surface-Mount RGB Digital Color Sensor
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Motorola, Inc
MCM20014 MOTOROLA-MCM20014 Datasheet
799Kb / 54P
   1/3??Color VGA Digital Image Sensor
logo
List of Unclassifed Man...
C3038 ETC2-C3038 Datasheet
54Kb / 1P
   1/4??Color Sensor Module With Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com