Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L12007-1294H-C Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # L12007-1294H-C
Description  Quantum Cascade Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L12007-1294H-C Datasheet(HTML) 4 Page - Hamamatsu Corporation

  L12007-1294H-C Datasheet HTML 1Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 2Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 3Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 4Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 5Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 6Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 7Page - Hamamatsu Corporation L12007-1294H-C Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QCL LINEUP
IDFB-CW Type
IDFB-Pulsed Type
Direction of laser beam
(*1) Tolerance is +/- 0.2 mm unless specified.
(*2) Edge of QCL chip and outside of the package
31.8
44.5
38.6
9- 1
± 0.05
2.54
(22.86)
26.4
2.7
4- 4
A
Emitter position
A=B=16.0
±0.3
4.4
Laser chip
Window
q
ertyuio!0
q
e
r
t
y
PIN No. (*3)
TEC Cathode (-)
N.C.
QCL Anode (+)
Thermistor (Top(qcl))
Thermistor (Top(qcl))
FUNCTION
u
i
o
!0
PIN No. (*3)
QCL Cathode (-)
Thermistor (Top(c))
Thermistor (Top(c))
TEC Anode (+)
FUNCTION
(*3) e is electrically connected to the package. The other pins are electrically iso-
lated from the package.
HHL package
Dimensional outline (unit: mm)
* All the pins are electrically isolated from the package.
q
w
e
r
t
y
PIN No.
TEC Cathode (-)
N.C.
N.C.
TEC Anode (+)
QCL Anode (+)
QCL Anode (+)
FUNCTION
u
i
o
!0
!1
!2
PIN No.
QCL Anode (+)
QCL Anode (+)
Thermistor (Top(qcl))
Thermistor (Top(qcl))
N.C.
N.C.
FUNCTION
!3
!4
!5
!6
PIN No.
QCL Cathode (-)
QCL Cathode (-)
QCL Cathode (-)
QCL Cathode (-)
FUNCTION
1.9
5.7
9.5
15.3
10
± 0.2
14
+0
- 0.15
( 0.45)
Direction of laser beam
Window material
Emitter
45°
Emitter
q
!6
BOTTOM VIEW
TO-8 package
Dimensional outline (unit: mm)
CONNECTION EXAMPLE
DFB-CW QCL
1DFB-CW QCL (L12004, L12005, L12006, L12007 Series)
2Peltier TEC Driver C11330-01
3Forced Air Cooling HHL Mount A11709-01 or Water Cooling HHL Mount A11709-02
4Aspheric ZnSe lens A11331-0x and/or Lens unit A11331-0xH
(Select a suitable Aspheric ZnSe Lens in accordance with the QCL's emission wavelength.)
5Cable A11134-04
6Laser Power Supply
DFB-Pulsed QCL
1DFB-Pulsed QCL (L12014, L12015, L12016, L12017 series)
2Peltier TEC Driver C11330-02
3Pulsed QCL Driver Module C11635
4Aspheric ZnSe lens A11331-0x and/or Lens unit A11331-0xH
(Select a suitable Aspheric ZnSe Lens in accordance with the QCL's emission wavelength.)
5Cable A11134-04


Similar Part No. - L12007-1294H-C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
   Omnidirectional Wireless LTE/MIMO Antenna
logo
Vishay Siliconix
L1206 VISHAY-L1206 Datasheet
161Kb / 5P
   SMD Wraparound Ultra Low Value Thin Film Resistors
01-Jan-2022
logo
Shanghai Leiditech Elec...
L1206A101K LEIDITECH-L1206A101K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1206A180K LEIDITECH-L1206A180K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
L1206A210K LEIDITECH-L1206A210K Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
More results

Similar Description - L12007-1294H-C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FP-QCL-9120-100 ROITHNER-FP-QCL-9120-100 Datasheet
169Kb / 2P
   FQ Quantum Cascade Lasers in the 9.1
DFB-QCL-9120-100 ROITHNER-DFB-QCL-9120-100 Datasheet
147Kb / 2P
   DFP Quantum Cascade Lasers in the 9.12
logo
List of Unclassifed Man...
140XBP01000 ETC2-140XBP01000 Datasheet
71Kb / 2P
   Modicon Quantum
logo
Silan Microelectronics ...
SC16722 SILAN-SC16722 Datasheet
188Kb / 7P
   CASCADE LED DRIVER OF HEAVY CURRENT
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Schneider Electric
140CRP31200 SCHNEIDER-140CRP31200 Datasheet
105Kb / 3P
   Quantum Ethernet RIO Head
Apr 18, 2022
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Summit Microelectronics...
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
   Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Hitachi Semiconductor
HL6724MG HITACHI-HL6724MG Datasheet
24Kb / 5P
   The HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well (MQW) structure
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com