Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10054-x1 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C10054-x1
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10054-x1 Datasheet(HTML) 7 Page - Hamamatsu Corporation

Back Button C10054-x1 Datasheet HTML 3Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 4Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 5Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 6Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 7Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 8Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 9Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 10Page - Hamamatsu Corporation C10054-x1 Datasheet HTML 11Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
GShutter Block A10036
The A10036 is a manual shutter block with a plate that is opened and
closed by sliding it left and right. Light is sufficiently blocked so there
will be no problem even at photon counting levels.
NOTE: If you feel the shutter does not open and close
smoothly, we recommend applying small amount of
an optical grease to the plate.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
Dimensional Outlines (Unit: mm)
Type No.
A10036
Effective Beam Size
8 mm
Weight
Approx. 48 g
GND Filter Block A10032 Series
A neutral density (ND) filter is included in this optical block to attenuate
light levels.
SPECIFICATIONS
Transmittance (Typical)
TACCA0288EA
TACCB0087EA
0
300
400
500
600
700
WAVELENGTH (nm)
20
40
60
80
A10032-10
A10032-11
Type No.
A10032-10
A10032-11
ND Filter
Transmittance
Built-in Filter
10 %
1 %
Effective Beam Size
8 mm
Weight
Approx. 26 g
* Light transmittance is the average transmittance at wavelengths from 400 nm to 700 nm.
TACCA0272EA
16.0
±0.1
30.0
±0.1
(8)
2
22.0
±0.1
20.0
±0.1 (8)
2
7


Similar Part No. - C10054-x1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1005 ETC2-C1005 Datasheet
448Kb / 7P
   CAPACITORS
logo
TDK Electronics
C1005 TDK-C1005 Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1005 TDK-C1005 Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1005 TDK-C1005 Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C1005 TDK-C1005 Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - C10054-x1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com