Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10035-90 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # A10035-90
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10035-90 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button A10035-90 Datasheet HTML 5Page - Hamamatsu Corporation A10035-90 Datasheet HTML 6Page - Hamamatsu Corporation A10035-90 Datasheet HTML 7Page - Hamamatsu Corporation A10035-90 Datasheet HTML 8Page - Hamamatsu Corporation A10035-90 Datasheet HTML 9Page - Hamamatsu Corporation A10035-90 Datasheet HTML 10Page - Hamamatsu Corporation A10035-90 Datasheet HTML 11Page - Hamamatsu Corporation A10035-90 Datasheet HTML 12Page - Hamamatsu Corporation A10035-90 Datasheet HTML 13Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
A10033-71
TPMOB0214EA
Transmittance [Longpass filter] (Typical)
A10033-61, A10033-62, A10033-63 (Colored glass filter)
TACCB0083EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
WAVELENGTH (nm)
A10033-63
A10033-62
A10033-61
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
GInterchangeable Filter Block A10033-90
How to install an optical filter
1. Loosen the thumbscrews.
2. Insert, in order, the optical filter,
spacer ring and retaining ring.
3. Tighten the retaining ring with
the tightening tool.
4. Install the O-ring in place.
SPECIFICATIONS
The A10033-90 is a filter holder block that allows you to insert an
optical filter according to your application. The filter is held by the
spacer ring and the retaining ring, and can be easily exchanged by
using the accessory tool.
NOTE: Filters for this block must be purchased separately.
Do not install optical filters in the wrong direction be-
cause they have the front side and back side for an
light beam. Always insert the O-ring for blocking light
after installing an optical filter.
When installing an optical filter, be careful to keep it
clean and to avoid getting fingerprints on it.
TACCA0272EA
Dimensional Outlines (Unit: mm)
Type No.
A10033-90
Effective
Beam Size
8 mm
Conpatible Filter Size
Weight
Approx.
24 g
Diameter: 12.7 mm (1/2 inch) to 15 mm (Max.)
(recommended: 15 mm)
Thickness: 1.5 mm to 5 mm
22.0
±0.1
20.0
±0.1 (8)
2
Connection Example: Fiber-Optic Single Wavelength Detection
TPMOC0211EA
FILTER BLOCK
A10033-xx
ADAPTER BLOCK A10030-01
FIBER ADAPTER BLOCK A10037-xx
PMT MODULE
The lens inside the A10037 fiber adapter block collimates the beam of the light signal emitted from the optical fiber. The A10033 filter
block only allows a specific wavelength to pass. When dimming the beam, use ND filter block A10032.
PMT MODULE
FILTER BLOCK
A10033-xx
ND FILTER BLOCK
A10032-xx
FIBER ADAPTER BLOCK
A10037-xx
ADAPTER BLOCK
A10030-01
* Transmittance characteristics are typical examples and
may slightly vary depending on production lots.
* Dimensional outlines are the same as the A10033-90.
9


Similar Part No. - A10035-90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1003 ETC2-A1003 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1003 ETC1-A1003 Datasheet
1Mb / 24P
   Desoldering Tool
A1003 ETC2-A1003 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Similar Description - A10035-90

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com