Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10034-05 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # A10034-05
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10034-05 Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button A10034-05 Datasheet HTML 6Page - Hamamatsu Corporation A10034-05 Datasheet HTML 7Page - Hamamatsu Corporation A10034-05 Datasheet HTML 8Page - Hamamatsu Corporation A10034-05 Datasheet HTML 9Page - Hamamatsu Corporation A10034-05 Datasheet HTML 10Page - Hamamatsu Corporation A10034-05 Datasheet HTML 11Page - Hamamatsu Corporation A10034-05 Datasheet HTML 12Page - Hamamatsu Corporation A10034-05 Datasheet HTML 13Page - Hamamatsu Corporation A10034-05 Datasheet HTML 14Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GDichroic Block A10034 Series
This optical block contains a dichroic mirror that reflects particular
wavelengths but transmits other wavelengths.
If you would like to use a mirror with specifications other than those
described below, purchase the A11214 C-mount interchangeable
dichroic block (p. 18), which does not come with a preset mirror.
NOTE: • Ultraviolet light shorter than 380 nm is absorbed by the
coating materials deposited on the dichroic mirror, so the
reflectance and transmittance significantly decrease.
• For the reflected light, use the wavelength range where
light is reflected more than 95 % (see the figures below).
SPECIFICATIONS
Type No.
A10034-01
A10034-02
A10034-03
A10034-04
A10034-05
A10034-06
Built-in Dichroic
Mirror
DM505
DM565
DM600
DM660
DM430
DM455
Effective
Beam Size
8 mm
Weight
Approx. 57 g
Transmittance (Typical)
A10034-01
TACCB0084EA
A10034-02
TACCB0085EA
A10034-03
TACCB0086EA
A10034-04
TACCB0093EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 445 nm to 480 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 510 nm to 545 nm
A10034-05
TACCB0096EA
A10034-06
TACCB0097EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 540 nm to 575 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 460 nm to 625 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 380 nm to 405 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 385 nm to 420 nm
* Dimensional outlines are the same as the A10035 (see the dimensional outlines on the next page).
The lens inside the A10037 fiber adapter block collimates the beam
of the light signal emitted from the optical fiber. The dichroic mirror
inside the A10034 dichroic block reflects light below a certain
wavelength and passes light above that wavelength. Finally, each of
the two A10033 filter blocks isolates a specific wavelength so that the
signal levels of the two separate wavelengths can be measured.
Connection Example: Fiber-Opic Dual Wavelength Detection
FILTER BLOCK
A10033-xx
FIBER ADAPTER BLOCK
A10037-xx
PMT MODULE
ADAPTER BLOCK
A10030-01
DICHROIC BLOCK
A10034-xx
ADAPTER BLOCK
A10030-01
10
BLOCK CHARACTERISTICS


Similar Part No. - A10034-05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1003 ETC2-A1003 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1003 ETC1-A1003 Datasheet
1Mb / 24P
   Desoldering Tool
A1003 ETC2-A1003 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Similar Description - A10034-05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com