Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 20 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 20 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
CONNECTION EXAMPLES
GConnection Example Using the Beam Expander Block
The A10031 beam expander block is designed to narrow a 20-mm beam of collimated light to a diameter of 8 mm, the size of the
PMT module's photocathode; however, the expander block's use is not just limited to collimated light, it can also be used to converge
divergent light. For example, if you use the beam expander block to receive the divergent light from an optical fiber, the signal level
will be higher than if you had just used a PMT module.
TPMOC0214EA
GConnecting to a Microscope
The microscope port is designed so that the image is focused at 17.526 mm from the C-mount attachment location. When you
connect a C-mount adapter to a commercially sold 10-mm C-mount ring (male to female), the approximate location of the image
point is at the PMT module's photocathode (as shown in the figure on the left).
If the light converges to a diameter of 1 mm or less at the image point, do not match the location of the image point to the location of
the PMT module's photocathode; instead, expose the photocathode to a defocused light beam with a diameter of 1 mm or more.
TPMOC0216EA
PMT MODULE
DISTANCE L1
DISTANCE L2
ADAPTER BLOCK A10030-01
BEAM EXPANDER BLOCK A10031
<Measurement Conditions>
Light source: Green LED
Optical fiber: NA=0.5. Core diameter=0.98 mm
Detection efficiency (Distance: 50 mm. Detection efficiency measured without beam expander block is normalized to 100.)
DISTANCE (L1, L2)
50 mm
80 %
100 %
90 mm
59 %
59 %
250 mm
28 %
13 %
350 mm
20 %
7 %
When Beam Expander is Connected (L1)
When Beam Expander is not Connected (L2)
OPTICAL FIBER
MICRO-
SCOPE
PMT
MODULE
C-MOUNT RING
A9865
C-MOUNT RING (MALE-FEMALE)
710
L*
17.526
MICRO-
SCOPE
PMT
MODULE
C-MOUNT RING
A9865
C-MOUNT INTERCHANGEABLE
FILTER BLOCK
A11213-01 (SPACER)
725
L*
17.526
* L is the distance from the attached end of the PMT module to the photocathode.
GConnection Example Using Bifurcated Optical Fiber
Light from a light source is injected into one arm of the bifurcated optical fiber to irradiate a sample or measurement surface.
Fluorescence emitted from the sample or light reflected from the measurement surface is collected by the same optical fiber and then
detected by the PMT module through the other arm of the bifurcated optical fiber.
TPMOC0213EA
PMT MODULE
LED
BANDPASS
FILTER
ADAPTER BLOCK A10030-01
FIBER ADAPTER BLOCK A10037
FILTER BLOCK A10033-xx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn