Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 18 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 18 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
GC-Mount Interchangeable Dichroic Block A11214
This C-mount threaded optical block is for installing a dichroic mirror for
use at a 45
° angle of incidence. You can use typical dichroic mirrors
that are commercially available for use with microscopes.
NOTE: • Dichroic mirrors for this block must be purchased sep-
arately.
• Commercially sold dichroic mirrors usually have mark-
ings to distinguish their front and back sides. Be care-
ful to install dichroic mirrors in the A11214 in the cor-
rect direction.
• When installing a dichroic mirror, be careful to keep it
clean and to avoid getting fingerprints on it.
Dimensional Outlines (Unit: mm)
SPECIFICATIONS
Type No.
A11214
Compatible Dichroic Mirror Size
20 mm
Effective
Beam Size
25 mm to 26 mm (W)
× 35 mm to 38 mm (H)
Thickness: 0.9 mm to 1.1 mm (1 mm recommended)
Weight
Approx.
84 g
TPMOA0057EA
40
18
18
18
18
20
20
C-MOUNT (FEMALE) DEPTH 5
C-MOUNT (FEMALE) DEPTH 5
C-MOUNT (FEMALE) DEPTH 5
Connection Example:
Fiber-Optic Dual / Triple Wavelength Detection
* Supplied: Hex wrench
The dichroic mirror assembled in the block reflects light
at wavelengths shorter than a specific wavelength and
transmits longer wavelength light. Furthermore, only
light at a specific wavelength passes through the optical
filter and is then detected by the PMT module.
Dual Wavelength Detection
Triple Wavelength Detection
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213
FIBER ADAPTER
BLOCK A10037-xx
C-MOUNT
RING A9865
C-MOUNT
RING A9865
C-MOUNT ADAPTER BLOCK A10039
C-MOUNT
INTERCHANGEABLE
DICHROIC BLOCK A11214
PMT MODULE
PMT MODULE
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213
C-MOUNT
RING A9865
C-MOUNT ADAPTER BLOCK A10039
FIBER ADAPTER BLOCK A10037-xx
C-MOUNT
INTERCHANGEABLE
DICHROIC BLOCK
A11214
PMT MODULE
18
BLOCK CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn