Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 17 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10033-63 Datasheet(HTML) 17 Page - Hamamatsu Corporation

Back Button A10033-63 Datasheet HTML 13Page - Hamamatsu Corporation A10033-63 Datasheet HTML 14Page - Hamamatsu Corporation A10033-63 Datasheet HTML 15Page - Hamamatsu Corporation A10033-63 Datasheet HTML 16Page - Hamamatsu Corporation A10033-63 Datasheet HTML 17Page - Hamamatsu Corporation A10033-63 Datasheet HTML 18Page - Hamamatsu Corporation A10033-63 Datasheet HTML 19Page - Hamamatsu Corporation A10033-63 Datasheet HTML 20Page - Hamamatsu Corporation A10033-63 Datasheet HTML 21Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
GC-Mount Interchangeable Filter Block A11213 Series
These C-mount threaded optical blocks are for installing commercial
optical filters and lenses with 25 mm diameters. You can use it with the
A11214 C-mount interchangeable dichroic block to measure fluores-
cence or perform other tasks.
Because this block enables angle adjustment, it is also useful as a
spacer between C-mounts and as a connection adapter.
NOTE: • Filters and lenses for this block must be purchased
separately.
• When you install a filter that is designed to receive a
beam of light from a specific side, make sure that you
install the filter in the correct direction.
• When installing an optical filter or other device, be care-
ful to keep it clean and to avoid getting fingerprints on it.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
LLeft: A11213, Right: A11213-01
GC-Mount Ring A9865
This ring is for connecting a PMT module to a optical block and an
equipment with C-mount.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
Type No.
A11213
A11213-01
Compatible Filter Size
20 mm
Effective
Beam Size
Diameter: 24 mm to 26 mm (25 mm to 25.4 mm recommended)
Thickness: 5 mm (Max.) (2 mm to 5 mm recommended)
Weight
Approx. 29 g
Approx. 30 g
A11213 (Male–Male Type)
A11213-01 (Male–Female Type)
TPMOA0054EA
TPMOA0055EA
Type No.
A9865
8 mm
Effective Beam Size
Weight
Approx. 7 g
TPMOA0056EA
14
C-MOUNT
7.0
0.5
5.0
4- 2.1
4- 3.2
GASKET
54
20
2 (DATUM PLANE OF FILTER)
C-MOUNT (MALE)
C-MOUNT (FEMALE)
44
20
2 (DATUM PLANE OF FILTER)
C-MOUNT (MALE)
COMPATIBLE PMT MODULES
H10720/H10721/H10722/H10723/H11706/H12056/H10682
H11890/H11526
H10799 (built-in photodiode)
17
Only light at a specific wavelength passes through the optical filter
assembled in the block and is detected by the PMT module.
Connection Example: Single Wavelength Detection
Light emitted and spread from the optical fiber cable is collimated by
the lens in the A10037 series fiber adapter block and is efficiently
guided to the PMT module.
Connection Example: Fiber-Optic Single Wavelength Detection
C-MOUNT RING A9865
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213-xx
PMT MODULE
FIBER ADAPTER BLOCK A10037-xx
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213-01
PMT MODULE
C-MOUNT RING A9865
C-MOUNT ADAPTER BLOCK
A10039


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn