Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 12 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 12 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
GStage Block A10858
The stage block is for using an infinity-corrected objective lens in object
image generation and fluorescence detection. It has two C-mount ports on
the top and bottom of its rear panel. You can use other optical blocks to
connect the stage block to a PMT module or ICCD camera (p. 27). Because
you can use the stage block cover to keep the measured area in darkness,
the stage block is useful even when detecting faint light. Furthermore, if you
remove the cover and illuminate the sample appropriately using an
illuminator, you can generate images by using the stage block with the
A10859-01 tube lens block, CCD cameras, and other devices.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
TPMOA0049EA
Type No.
A10858
X-Axis
Travels
±6.5 mm
Z-Axis
±3 mm
Port
2; C-mount
Weight
Approx.
4 kg
Compatible
Objective Lens
Infinity-corrected Objective lens
M20.32
× P0.706
Parfocal distance*: 45 mm
* For information about the parfocal distance, see p. 14.
2-C-MOUNT
110
50
160
(38)
From outside of the stage block, you can use a micrometer to move the
workplate horizontally along the X axis or vertically along the Z axis.
You can also use the three setup screws in the beam steering mirror
assembly to change the internal mirror angle and adjust the horizontal
Y axis.
Accesories
Stage Block Rack A11058
Directions that you can
move the workplate in
using a micrometer.
Direction of beam
movement caused
by beam steering
mirror assembly
adjustment
Beam steering
mirror assembly
setup screws
Workplate and Beam Movement
Spacer 1
Spacer 2
Spacer 3
The spacer sizes have been designed according to their uses.
90 mm
× 90 mm, Thickness: 10 mm
60 mm
× 60 mm, Thickness: 18 mm
60 mm
× 60 mm, Thickness: 25 mm
2
1
1
Sizes of the included spacers
Dimensional Outlines (Unit: mm)
TPMOA0066EA
HEIGHT-ADJUSTMENT BOLT
4-M6
204
250
12
BLOCK CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn