Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 8 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
GFilter Block A10033 Series
This optical block contains a filter that passes only particular
wavelengths. Bandpass filters and long-pass filters are available.
If you would like to use a filter with specifications other than those
described below, purchase the A10033-90 interchangeable filter block
(p. 9), which does not come with a preset filter. The A11213 C-mount
interchangeable filter block series (p. 17) is also available. Filters with
25 mm diameters can be installed in these blocks.
Transmittance [Bandpass filter] (Typical)
A10033-01
TACCB0077EA
A10033-02
TACCB0078EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
A10033-03
TACCB0079EA
A10033-04
TACCB0080EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
SPECIFICATIONS
Type No.
Longpass Filter
Cut-on Wavelength
390 nm
500 nm
600 nm
510 nm
Effective Beam Size
8 mm
Weight
Approx. 25 g
Type No.
A10033-61
A10033-62
A10033-63
A10033-71
A10033-01
A10033-02
A10033-03
A10033-04
A10033-05
A10033-06
* Stopband: Below 0.01 % at 300 nm to 950 nm (except transmission bands)
Bandpass Filter
Central Wavelength
Built-in Filter
Built-in Filter
FWHM
530 nm
± 4 nm
610 nm
± 4 nm
630 nm
± 5 nm
460 nm
± 4 nm
575 nm
± 4 nm
700 nm
± 5 nm
40 nm
± 8 nm
40 nm
± 8 nm
60 nm
± 10 nm
60 nm
± 8 nm
30 nm
± 8 nm
60 nm
± 10 nm
Effective Beam Size
8 mm
Weight
Approx. 25 g
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
300
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
WAVELENGTH (nm)
A10033-05
TACCB0081EA
A10033-06
TACCB0082EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
8
BLOCK CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn