Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 5 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
GFiber Adapter Block A10037 Series
Optical fiber cables with FC or SMA connectors can be connected to
the blocks in the A10037 series.
The lens assembled in the block collimates the light spread from the
optical fiber.
The A10037/A10037-01 is suitable for use in the visible region (400 nm
to 700 nm) and the A10037-10/A10037-11 for use in the UV region
(200 nm to 400 nm).
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
LA10037
LA10037-01
Type No.
Connecter
A10037
A10037-01
A10037-10
A10037-11
FC
SMA
FC
SMA
Recommended Wavelength
Visible
UV
Weight
Approx. 17 g
Focal Length
10 mm
TACCA0270EB
22.0
±0.1
7.0
±0.1
(8)
L
A10037/-10
A10037-01/-11
: L=9.0
: L=13.5
* In the case of the SMA connector type, the beam diameter
depends on the position of the connected fiber cable end.
The above values are measured when the fiber cable end is
at the same position as the FC connector type.
Distance from Fiber Output End
Beam Diameter
100 mm
150 mm
Max. 4.9 mm
Max. 5.4 mm
When fiber core diameter is 100
µm and NA is 0.2
Transmittance (Typical)
TACCB0094EB
GBeam Expander Block A10031
This optical block widens the diameter of a collimated beam of light to 2.5
times its original size or narrows the diameter to 1/2.5 times its original
size. This block has a C-mount thread for connecting to another device.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
Type No.
A10031
Effective Beam Size
8 mm
Weight
Approx. 43 g
* Supplied: C-mount double male thread ring.
** Designed for wavelength from 400 nm to 700 nm.
Incident light conditions
TACCA0271EA
TACCC0127EA
8
44.4
±0.3
C-MOUNT (FEMALE)
44.4
±0.3
8
Transmittance (Typical)
TACCB0095EB
WAVELENGTH (nm)
0
300
200
400
500
600
700
800
20
40
60
80
100
A10037 / A10037-01
A10037-10 / A10037-11
0
300
400
500
600
700
800
WAVELENGTH (nm)
20
40
60
80
100
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn