Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 25 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10033-63 Datasheet(HTML) 25 Page - Hamamatsu Corporation

Back Button A10033-63 Datasheet HTML 20Page - Hamamatsu Corporation A10033-63 Datasheet HTML 21Page - Hamamatsu Corporation A10033-63 Datasheet HTML 22Page - Hamamatsu Corporation A10033-63 Datasheet HTML 23Page - Hamamatsu Corporation A10033-63 Datasheet HTML 24Page - Hamamatsu Corporation A10033-63 Datasheet HTML 25Page - Hamamatsu Corporation A10033-63 Datasheet HTML 26Page - Hamamatsu Corporation A10033-63 Datasheet HTML 27Page - Hamamatsu Corporation A10033-63 Datasheet HTML 28Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
TACCB0090EA
TACCB0091EA
TACCB0092EA
TACCC0130EA
TACCC0129EA
TACCC0128EA
GTransmittance
GTransmittance
GTransmittance
1
2
3
SAMPLE
532 nm
A10034-04
DM 660
A10033-05
575/30 nm
Cy3™
Alexa® 546
A10033-06
700/60 nm
Cy5™
Alexa® 647
633 nm
OBJECTIVE
LENS
A10034-01
505 nm
A10033-04
460/60 nm
DAPI
Hoechst
A10033-01
530/40 nm
CASY
FITC
FLUORESCENCE
EXCITATION
LIGHT
405 nm
A10034-04
DM 660
A10033-03
630/60 nm
Texas Red
®
PI
A10033-06
700/60 nm
A10034-02
DM 565
A10033-01
530/40 nm
FITC
GFP
A10034-03
DM 600
A10033-05
575/30 nm
A10033-62
500 nmLP
PE
CASY
Cy5™
7AAD
FLUORESCENCE
EXCITATION
LIGHT
488 nm
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
GFluorescence Dye and Connecting Examples
25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn