Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-63 Datasheet(PDF) 22 Page - Hamamatsu Corporation

Part No. A10033-63
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-63 Datasheet(HTML) 22 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
TPMOC0218EA
TPMOC0219JA
22
CONNECTION EXAMPLES
G Imaging System Connection Example
Coaxial Incident Illumination Method
Illuminate the sample with a fiber bundle connected to a xenon arc lamp. You can attach the fiber bundle easily by using a
commercially sold C-mount light guide mount. To excite the sample, put an excitation filter that matches its fluorescent dye into the
A11213-01 C-mount interchangeable filter block. If the light from the fiber bundle is not diffused enough, you can illuminate the
sample evenly by inserting a holographic or other type of diffuser.
The dichroic mirror reflects the excitation light. Then, the objective lens of the A10858 stage block focuses the light onto the sample,
which is excited by the light. The fluorescence emitted from the sample passes through the dichroic mirror and the fluorescence filter
and is focused onto the imaging camera by the lens inside the A10859-01 tube lens block.
Transmitted Illumination Method
This is an imaging example that uses transmitted illumination. The image of the sample is focused onto an imaging camera, such as
a CCD camera, by an infinity-corrected objective lens and the A10859-01 tube lens block. A convenient way to illuminate the sample
is to use a commercially sold LED illuminator.
CCD
CAMERA
TUBE LENS BLOCK
A10859-01
OBJECTIVE LENS
(COMMERCIALLY
AVAILABLE)
STAGE BLOCK A10858
SAMPLE
LED LIGHT
SOURCE
C-MOUNT DOUBLE MALE THREAD RING
(SUPPLIED WITH A10859-01)
XENON LAMP
L9588-03
EM-CCD
or
ICCD CAMERA
TUBE LENS BLOCK A10859-01
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213
C-MOUNT INTERCHANGEABLE DICHROIC BLOCK A11214
DICHROIC MIRROR (COMMERCIALLY AVAILABLE)
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213 (FOR THE CONNECTOR)
C-MOUNT INTERCHANGEABLE FILTER BLOCK
A11213-01
FLUORESCENCE FILTER (COMMERCIALLY AVAILABLE)
C-MOUNT LIGHT GUIDE MOUNT
*
(COMMERCIALLY AVAILABLE)
OBJECTIVE LENS
(COMMERCIALLY
AVAILABLE)
STAGE BLOCK A10858
LIGHT GUIDE ADAPTER
*
(COMMERCIALLY AVAILABLE)
LIGHT GUIDE A10014-35-0110
HOLOGRAPHIC DIFFUSER
*
(COMMERCIALLY AVAILABLE)
EXCITATION FILTER
(COMMERCIALLY AVAILABLE)
* Example: Edmund Optics
•C-Thread Light Guide Mounting Adapter
•Fiber Optic Light Guide Adapter SX-6
•Holographic Diffuser: 25 mm Type


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn