Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 16 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 16 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
GPinhole Holder Block A11027
NOTE: • The collimate status changes depending on the pin-
hole diameter and the wavelength. (The assumed
wavelength is between 400 nm and 700 nm.)
• The pinhole is not included. Use a pinhole that is in-
stalled in a mount. (Products by companies such as
SIGMA KOKI CO., LTD.; SURUGA SEIKI CO., LTD.;
and CVI Melles Griot can be used.)
• Be careful to install the pinhole so that it faces in the
correct direction.
• When installing a pinhole, be careful to keep it clean
and to avoid getting fingerprints on it.
Transmittance for the Collimation Lens (Typical)
The A11027 is a holder block for mounting a pinhole. The screws can
be used to adjust the pinhole's position in the XY directions. The built-in
lens collimates the light that passes through the pinhole and converges
the light on a photodetector.
There is a base attached to the holder block through the M3 screw
holes in the bottom of the block. If necessary, this base can be re-
moved and re-attached to the side of the block.
SPECIFICATIONS
* Supplied: Screw ring tool and hex wrench
Type No.
A11027
Applicable Pinhole
Mount Size
Diameter: 16 mm
Thickness:
1.58 mm to 1.6 mm
Adjustment
Screw Pitch
0.25 mm
Focal
Length
15 mm
XY Axis Range
of Motion
±1.2
Weight
Approx. 180 g
(including
the base)
Dimensional Outlines (Unit: mm)
TACCA0070EA
TPMOB0233EA
0
300
400
500
600
700
800
WAVELENGTH (nm)
20
40
60
100
80
(ASSUMED PINHOLE PLANE) 17.526
10.0
(REFERENCE PLANE OF
THE PINHOLE MOUNT) 17.746
(0.22)
(27.526)
8.0
APPLICABLE PINHOLE MOUNT SIZE
DIAMETER: 16. THICKNESS: 1.6
22.95
30.0
50.0
60.0
2- 4.5
(FOR HOLDING THE BASE IN PLACE)
12.0
50.0
11.5
±1.5
C-MOUNT
(FEMALE)
PINHOLE MOUNTING
SCREW RING
2-M3
BOLTS WITH HEXAGONAL HOLES
FOR ATTACHING THE BASE
BASE (REMOVABLE)
X-AXIS ADJUSTMENT
SCREW
ADJUSTMENT:
±1.2
Y-AXIS ADJUSTMENT SCREW
ADJUSTMENT:
±1.2
BASE MOUNTING SURFACE
2-M3 DEPTH 3
(FOR HOLDING THE
BLOCK IN PLACE)
M4 DEPTH 5
(FOR HOLDING THE
BLOCK IN PLACE)
C-MOUNT ANGLE
ADJUSTMENT RING
16
BLOCK CHARACTERISTICS
Extended Example of Microscope
Connecting the A11027 pinhole holder block to the C-mount port of a
microscope configures a confocal optical system. Light passing
through the pinhole is collimated by the lens in the block and is effi-
ciently guided to the PMT module.
ADAPTER BLOCK
A10030-01
PMT MODULE
PINHOLE HOLDER BLOCK A11027
MICROSCOPE C-MOUNT PORT
FILTER BLOCK A10033-xx
MICROSCOPE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn