Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 14 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 14 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
GBeam Aligner Block A10760
This optical block is for using an infinity-corrected objective lens to
guide laser light into an optical fiber with an attached FC connector or
to collimate and transmit the beam from a fiber-optic cable.
The block has two micrometers for positioning the optical fiber along
the X and Y axes and an additional micrometer at the bottom for fine
adjustments along the Z axis.
This block has a cover around the objective lens and an additional
cover for the entire block that further increases its light shielding
capability.
NOTE: Objective lens and fiber-optic cable are not included.
SPECIFICATIONS
Dimensional Outlines (Unit: mm)
Type No.
A10760
Z-Axis
±3 mm
Weight
Approx.
420 g
XY-Axis
Travels
±1 mm
Optical Fiber
Connector
FC
Compatible
Objective Lens
Infinity-corrected Objective lens
M20.32
× P0.706
Parfocal distance: 45 mm
TPMOA0051EA
52
70
C-MOUNT (FEMALE)
OBJECTIVE LENS
SCREW
1. Remove the two cover screws using a
Phillips-head screwdriver, and then
remove the cover.
2. Use the hexagonal wrench that comes
with the block to remove the two plate
screws, and then remove the plate.
3. Attach an objective lens to the plate's
objective lens screw hole (M20.32
P0.706).
4. Reassemble the block by performing
steps 1 and 2 in reverse, and then
connect the block to other devices.
You can align the optical fiber by using
the X-, Y-, and Z-axis adjustment
screws. Only turn the Z-axis adjustment
screw after you have loosened the
screws in step 1.
Objective lens
Y-axis
adjustment
screw
Z-axis
adjustment screw
X-axis
adjustment screw
USING EXAMPLE 1: FOCUSING
USING EXAMPLE 2: COLLIMATOR
Technical Guide
TPMOC0210EA
TPMOC0209EB
Pupil Diameter and Parfocal Distance
TPMOC0223EA
PARFOCAL DISTANCE
SAMPLE SURFACE
OBJECTIVE
MOUNTING POSITION
PUPIL DIAMETER
The diameter of the beam that is emitted from the pupil
of an objective lens with a focal length f and a numerical
aperture NA is given by:
Pupil diameter = 2
× f × NA
Pupil Diameter
The parfocal distance is the distance from the objective
mounting position of the objective lens to the sample at
which the sample is in-focus. The A10760 is designed to
be used with an objective lens whose parfocal distance
is 45 mm.
Parfocal Distance
INFINITY-CORRECTED
OBJECTIVE LENS
BEAM ALIGNER BLOCK
A10760
OPTICAL FIBER
INFINITY-CORRECTED
OBJECTIVE LENS
BEAM ALIGNER BLOCK
A10760
OPTICAL FIBER
* Supplied: Hex wrench
14
BLOCK CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn