Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 13 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 13 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Part Names and Features
Accesories
Objective Lens Mount A10921
Microwell Slide A10657-01
M6 Mounting Hole
Objective Lens Mount A10921
M6-thread mounting hole. You
can use a mounting post or an
angle mount for illumination.
Micrometer
The micrometer enables you
to perform precise horizontal
(X-axis) and vertical (Z-axis)
alignment and to accurately
reproduce prior positionings.
This is a mount for an objective lens. You can mount and remove
the objective lens mount using the left and right screws. You can
place the objective lens mount at the top of the stage mount for
upright configurations, and at the bottom for inverted configura-
tions. The A10858 comes with one objective lens mount.
Workplate
The stage block comes with three different
workplates:
C-Mount Port
There are two C-mount ports at
the top and bottom of the stage
block. You can connect the
stage block to other optical
blocks through blocks such
as the A11213 C-mount in-
terchangeable filter block.
Spacer
A workplate with a 36 mm diam-
eter hole. With this workplate,
you can put the sample on a
slide and observe its reflected-
light or transmitted-light image
or measure its fluorescence.
A 20 mm spacer is installed
between the workplate and
the XZ axis stage. Remov-
ing this spacer will give you
20 mm of extra space,
which is useful when ob-
serving relatively tall objects
in an upright configuration.
Micrometer height
adjustment of
± 3 mm
Parfocal distance
This workplate is specially de-
signed for use with the
A10657-01 microwell slide
(sold separately).
A workplate that you can
place an object on to observe
its reflected-light image in an
upright configuration or to ex-
cite it from above and meas-
ure its fluorescence.
45 mm
45 mm
NOTE: An additional A10921 objective lens mount (sold
separately) is attached in the above example.
Stage clips are not included.
You can move the work-
plate along the X and Y ax-
es by attaching an X-axis
stage (SURUGA SEIKI
B11-40C) in place of the
spacer.*
* Please direct inquiries about
the X-axis stage to SURUGA
SEIKI.
NOTE: Objective lens is not included.
* Please purchase illuminators from a
company that manufactures them.
* There is a separate catalog for microwell slides.
Please refer to that catalog for more information.
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn