Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 11 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 11 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
GBeam Splitter Block A10035
This optical block uses a cubic type half-mirror. Incident light is split into
reflected and transmitted beams at a ratio of 1 to 1.
NOTE: Light level is cut to approximately one third due to light
absorption.
SPECIFICATIONS
* Designed for wavelength from 400 nm to 700 nm.
Type No.
A10035
Effective Beam Size
8 mm
Weight
Approx. 63 g
TACCA0273EA
Dimensional Outlines (Unit: mm)
GBeam Splitter Holder Block A10035-90
The A10035-90 is a holder block designed to hold a 15 mm cubic type
beam splitter.
NOTE: • The beam splitter is not included.
• Be careful to install the beam splitter so that it faces
in the correct direction.
• When installing a beam splitter, be careful to keep it
clean and to avoid getting fingerprints on it.
SPECIFICATIONS
* Supplied: Hex wrench
Type No.
A10035-90
Effective
Beam Size
8 mm
Applicable Beam Splitter Size
15 mm
× 15 mm × 15 mm cubic type
Weight
Approx. 55 g
Dimensional Outlines (Unit: mm)
Transmittance (Typical)
TACCB0089EC
TPMOA0068EA
0
400
450
500
550
600
650
700
WAVELENGTH (nm)
20
40
60
100
80
P
AVERAGE
S
22.0
±0.1
37.0
±0.2
(8)
( 16)
9.0
±0.1
2
22.0
±0.1 17±0.1
(39)
(8)
15.0
±0.4
11.0
±0.1
(26)
20.0
±0.1
( 16)
26.0
9.0
±0.1
DASHED LINE
APPLICABLE BEAM SPLITTER SIZE
15
× 15 × 15
4-M3 DEPTH 6
(FOR HOLDING THE
BLOCK IN PLACE)
BOTTOM VIEW
2
11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn