Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 10 Page - Hamamatsu Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GDichroic Block A10034 Series
This optical block contains a dichroic mirror that reflects particular
wavelengths but transmits other wavelengths.
If you would like to use a mirror with specifications other than those
described below, purchase the A11214 C-mount interchangeable
dichroic block (p. 18), which does not come with a preset mirror.
NOTE: • Ultraviolet light shorter than 380 nm is absorbed by the
coating materials deposited on the dichroic mirror, so the
reflectance and transmittance significantly decrease.
• For the reflected light, use the wavelength range where
light is reflected more than 95 % (see the figures below).
SPECIFICATIONS
Type No.
A10034-01
A10034-02
A10034-03
A10034-04
A10034-05
A10034-06
Built-in Dichroic
Mirror
DM505
DM565
DM600
DM660
DM430
DM455
Effective
Beam Size
8 mm
Weight
Approx. 57 g
Transmittance (Typical)
A10034-01
TACCB0084EA
A10034-02
TACCB0085EA
A10034-03
TACCB0086EA
A10034-04
TACCB0093EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 445 nm to 480 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 510 nm to 545 nm
A10034-05
TACCB0096EA
A10034-06
TACCB0097EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 540 nm to 575 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 460 nm to 625 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 380 nm to 405 nm
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
Reflectance 95 % or more
at 385 nm to 420 nm
* Dimensional outlines are the same as the A10035 (see the dimensional outlines on the next page).
The lens inside the A10037 fiber adapter block collimates the beam
of the light signal emitted from the optical fiber. The dichroic mirror
inside the A10034 dichroic block reflects light below a certain
wavelength and passes light above that wavelength. Finally, each of
the two A10033 filter blocks isolates a specific wavelength so that the
signal levels of the two separate wavelengths can be measured.
Connection Example: Fiber-Opic Dual Wavelength Detection
FILTER BLOCK
A10033-xx
FIBER ADAPTER BLOCK
A10037-xx
PMT MODULE
ADAPTER BLOCK
A10030-01
DICHROIC BLOCK
A10034-xx
ADAPTER BLOCK
A10030-01
10
BLOCK CHARACTERISTICS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn