Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A10033-62 Datasheet(PDF) 26 Page - Hamamatsu Corporation

Part No. A10033-62
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

A10033-62 Datasheet(HTML) 26 Page - Hamamatsu Corporation

 
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
GStabilized Light Sources For PMT L11494 Series
The majority of these devices are LED light sources that have been
developed for visual-sensitive compensation of PMTs and PMT
modules.
Because the amount of light generated by the LED is monitored and
controlled by a photodiode, these devices always generate stable light
of approximately 1 pW.
SPECIFICATIONS
Connection Example
Dimensional Outlines (Unit: mm)
Wavelength Distribution of Generated Light (Typical)
Parameter
Peak Wavelength of
Generated Light
FWHM
L11494-430 L11494-470 L11494-525 L11494-660
465
26
428
65
660
30
Unit
nm
nm
522
35
Life Characteristic
GL11494-430
GL11494-470
GL11494-525
GL11494-660
0
0
0.2
0.4
0.6
0.8
1
1.2
6
TIME (h)
12
18
24
30
TACCB0120EA
Temperature Characteristic
TACCB0121EA
0
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
10
TEMPERATURE (
°C)
20
30
40
45
515
25
35
50
TACCB0114EA
TACCB0115EA
TACCB0116EA
TACCB0119EA
0
0.2
0.4
0.6
0.8
1
WAVELENGTH (nm)
350
450
550
650
700
400
500
600
750
0
0.2
0.4
0.6
0.8
1
WAVELENGTH (nm)
350
450
550
650
700
400
500
600
750
350
450
550
650
700
400
500
600
750
0
0.2
0.4
0.6
0.8
1
WAVELENGTH (nm)
350
450
550
650
700
400
500
600
750
0
0.2
0.4
0.6
0.8
1
WAVELENGTH (nm)
* There is a separate catalog for stabilized light sources.
Please refer to that catalog for more information.
12
24
14
8.5
SWITCH
BATTERY SR41
EMISSION AREA
7
2-M2
ON
(High intensity)
OFF
ON
(Low intensity)
RELATED PRODUCTS
TACCA0311EA
ADAPTER BLOCK
A10030-01
PMT MODULE
JOINT BLOCK A10038-01
STABILIZED LIGHT SOURCE
L11494-xxx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn