Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10033-04 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # A10033-04
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A10033-04 Datasheet(HTML) 8 Page - Hamamatsu Corporation

Back Button A10033-04 Datasheet HTML 4Page - Hamamatsu Corporation A10033-04 Datasheet HTML 5Page - Hamamatsu Corporation A10033-04 Datasheet HTML 6Page - Hamamatsu Corporation A10033-04 Datasheet HTML 7Page - Hamamatsu Corporation A10033-04 Datasheet HTML 8Page - Hamamatsu Corporation A10033-04 Datasheet HTML 9Page - Hamamatsu Corporation A10033-04 Datasheet HTML 10Page - Hamamatsu Corporation A10033-04 Datasheet HTML 11Page - Hamamatsu Corporation A10033-04 Datasheet HTML 12Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
GFilter Block A10033 Series
This optical block contains a filter that passes only particular
wavelengths. Bandpass filters and long-pass filters are available.
If you would like to use a filter with specifications other than those
described below, purchase the A10033-90 interchangeable filter block
(p. 9), which does not come with a preset filter. The A11213 C-mount
interchangeable filter block series (p. 17) is also available. Filters with
25 mm diameters can be installed in these blocks.
Transmittance [Bandpass filter] (Typical)
A10033-01
TACCB0077EA
A10033-02
TACCB0078EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
A10033-03
TACCB0079EA
A10033-04
TACCB0080EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
SPECIFICATIONS
Type No.
Longpass Filter
Cut-on Wavelength
390 nm
500 nm
600 nm
510 nm
Effective Beam Size
8 mm
Weight
Approx. 25 g
Type No.
A10033-61
A10033-62
A10033-63
A10033-71
A10033-01
A10033-02
A10033-03
A10033-04
A10033-05
A10033-06
* Stopband: Below 0.01 % at 300 nm to 950 nm (except transmission bands)
Bandpass Filter
Central Wavelength
Built-in Filter
Built-in Filter
FWHM
530 nm
± 4 nm
610 nm
± 4 nm
630 nm
± 5 nm
460 nm
± 4 nm
575 nm
± 4 nm
700 nm
± 5 nm
40 nm
± 8 nm
40 nm
± 8 nm
60 nm
± 10 nm
60 nm
± 8 nm
30 nm
± 8 nm
60 nm
± 10 nm
Effective Beam Size
8 mm
Weight
Approx. 25 g
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
300
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
WAVELENGTH (nm)
A10033-05
TACCB0081EA
A10033-06
TACCB0082EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
8
BLOCK CHARACTERISTICS


Similar Part No. - A10033-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1003 ETC2-A1003 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1003 ETC1-A1003 Datasheet
1Mb / 24P
   Desoldering Tool
A1003 ETC2-A1003 Datasheet
233Kb / 6P
   R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
More results

Similar Description - A10033-04

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3806 MAXIM-MAX3806 Datasheet
1Mb / 9P
   Receiver for Optical Distance Measurement
Rev 0; 7/09
logo
AZ Displays
ATM0280B43 AZDISPLAYS-ATM0280B43 Datasheet
442Kb / 16P
   Definition of optical measurement system
ATM0430D12F-CT AZDISPLAYS-ATM0430D12F-CT Datasheet
422Kb / 19P
   Definition of optical measurement system
ATM0177B5 AZDISPLAYS-ATM0177B5 Datasheet
328Kb / 15P
   Definition of optical measurement system
logo
Hamamatsu Corporation
C11209-110 HAMAMATSU-C11209-110_15 Datasheet
610Kb / 4P
   Optical measurement modules for low-level light detection
logo
Maxim Integrated Produc...
MAXM86161 MAXIM-MAXM86161 Datasheet
1Mb / 66P
   Single-Supply Integrated Optical Module for HR and SpO2 Measurement
2019
logo
Hamamatsu Corporation
C13365 HAMAMATSU-C13365_15 Datasheet
399Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
C13366 HAMAMATSU-C13366_15 Datasheet
396Kb / 6P
   Optical measurement modules for low-level-light detection, Analog output
logo
Mitsubishi Electric Sem...
PD7005 MITSUBISHI-PD7005 Datasheet
97Kb / 4P
   FOR OPTICAL COMMUNICATION
logo
PHOENIX CONTACT
2901560 PHOENIX-2901560 Datasheet
52Kb / 2P
   Pre-assembled reference fiber for the precise measurement of optical power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com