Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10439-09 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C10439-09
Description  Photodiode modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10439-09 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C10439-09 Datasheet HTML 1Page - Hamamatsu Corporation C10439-09 Datasheet HTML 2Page - Hamamatsu Corporation C10439-09 Datasheet HTML 3Page - Hamamatsu Corporation C10439-09 Datasheet HTML 4Page - Hamamatsu Corporation C10439-09 Datasheet HTML 5Page - Hamamatsu Corporation C10439-09 Datasheet HTML 6Page - Hamamatsu Corporation C10439-09 Datasheet HTML 7Page - Hamamatsu Corporation C10439-09 Datasheet HTML 8Page - Hamamatsu Corporation C10439-09 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
C10439 series
Photodiode modules
Integrates photodiode for precision photometry
with low-noise amp
www.hamamatsu.com
1
The C10439 series photodiode modules are high-precision photodetectors that integrate a photodiode and a current-to-voltage
amplifier. The output from these photodiode modules is an analog voltage and can be easily checked with a voltmeter, etc.
Since their sensitivity is switchable between two ranges (High/Low), highly accurate output can be obtained by selecting the
proper sensitivity range that matches the light level to be detected.
Voltage output for easy handling
Can be mounted on optical bench rod (M4)
Two-range (High/Low) switching function
Only half size of a business card
Precision photometry
Illuminometers
Flowmeters, etc.
Light source power monitors
Color difference meters
Fluorescence detection of printed matter
Brix meter
Features
Applications
Selection guide
Type no.
Photodiode type
Photosensitive
area
(mm)
Peak
sensitivity
wavelength
(mm)
Dimensions
(mm)
Conversion impedance
Zt
(V/A)
Frequency bandwidth
-3 dB
(Hz)
H range
L range
H range
L range
C10439-01
Si
2.4 × 2.4
960
19 × 46 × 52
1 × 109
1 × 107
10
1 k
C10439-02
5.8 × 5.8
C10439-03
10 × 10
C10439-07
2.4 × 2.4
1 × 106
1 × 104
1 k
100 k*1
C10439-08
5.8 × 5.8
C10439-09
10 × 10
C10439-10
InGaAs
φ1
1550
19 × 50 × 52
C10439-11
φ3
*1: Output amplitude 2 Vp-p
Recommended conditions/Absolute maximum ratings
Type no.
Supply voltage
Vcc
(V)
Current
consumption
Icc
Max.
Dark state
(mA)
Capacitive
load
CL
Min.
(pF)
Output
resistance
Zo
(Ω)
Absolute maximum ratings
Supply
voltage
Vcc max
(V)
Operating
temperature
Topr*2
(°C)
Storage
temperature
Tstg*2
(°C)
Min.
Max.
C10439-01
±5
±12
±2
500
100
±13
0 to +50
-10 to +60
C10439-02
C10439-03
C10439-07
C10439-08
C10439-09
C10439-10
C10439-11
*2: No condensation
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.


Similar Part No. - C10439-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439-01 HAMAMATSU-C10439-01 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
C10439-02 HAMAMATSU-C10439-02 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
C10439-03 HAMAMATSU-C10439-03 Datasheet
128Kb / 4P
   Photodiode module Integrates a Si photodiode for precision photometry with low-noise amp
More results

Similar Description - C10439-09

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10439 HAMAMATSU-C10439_15 Datasheet
465Kb / 9P
   Photodiode modules
logo
List of Unclassifed Man...
R-11-055 ETC2-R-11-055 Datasheet
330Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Source Photonics, Inc.
PDR-C3-ASSTAN SOURCE-PDR-C3-ASSTAN Datasheet
473Kb / 3P
   InGaAs PIN Photodiode Modules
R-11-300-P-SFC SOURCE-R-11-300-P-SFC Datasheet
464Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-075-R-SFC SOURCE-R-11-075-R-SFC Datasheet
336Kb / 4P
   InGaAs PIN Photodiode Modules
R-11-055-P-SFC SOURCE-R-11-055-P-SFC Datasheet
565Kb / 3P
   55um InGaAs PIN Photodiode Modules-pigtailed
logo
Hamamatsu Corporation
C10475 HAMAMATSU-C10475 Datasheet
386Kb / 3P
   Signal processing unit for photodiode module Specifically designed for photodiode modules (C10439 series)
logo
Optoway Technology Inc
PD-8500 OPTOWAY-PD-8500 Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-1500 OPTOWAY-PD-1500 Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com