Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


A11213 Datasheet(PDF) 24 Page - Hamamatsu Corporation

Part No. A11213
Description  Optical Components for Optical Measurement
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo 

 
 24 page
background image
TPMOC0222EA
* Example: Edmund Optics
•C-Thread Light Guide Mounting Adapter
•Fiber Optic Light Guide Adapter
•C-Mounted Cube Beamsplitter
XENON LAMP
L9588-03
STAGE BLOCK A10858
EM-CCD
or
ICCD CAMERA
LASER
PMT MODULE
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213
(FOR THE CONNECTOR)
OBJECTIVE LENS
(COMMERCIALLY AVAILABLE)
C-MOUNT INTERCHANGEABLE FILTER BLOCK
A11213-01
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213 (FOR THE CONNECTOR)
C-MOUNT INTERCHANGEABLE DICHROIC BLOCK A11214
DICHROIC MIRROR (COMMERCIALLY AVAILABLE)
C-MOUNT RING A9865
TUBE LENS BLOCK A10859-01
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213-01
600 nm LONGPASS FILTER (COMMERCIALLY AVAILABLE)
C-MOUNT CUBE BEAMSPLITTER
* (COMMERCIALLY AVAILABLE)
LASER-BLOCKING FILTER (COMMERCIALLY AVAILABLE)
C-MOUNT INTERCHANGEABLE FILTER BLOCK A11213
PLANO-CONVEX LENS (COMMERCIALLY AVAILABLE)
FLUORESCENCE FILTER (COMMERCIALLY AVAILABLE)
BEAM ALIGNER BLOCK A10760
OPTICAL FIBER (FC CONNECTOR)
LIGHT GUIDE ADAPTER
*
(COMMERCIALLY AVAILABLE)
LIGHT GUIDE A10014-35-0110
C-MOUNT LIGHT GUIDE MOUNT
*
(COMMERCIALLY AVAILABLE)
OBJECTIVE LENS
(COMMERCIALLY
AVAILABLE)
OBJECTIVE LENS
(COMMERCIALLY
AVAILABLE)
OBJECTIVE
LENS MOUNT
A10921
OBJECTIVE
LENS MOUNT
A10921
NOTE: The A10858 stage block comes with one A10921 objective lens mount.
To perform simultaneous measurement as shown above, you will need to purchase an additional A10921.
GSimultaneous Measurement with a PMT Module and an Imaging Camera
The following is an example of simultaneous measurement in which the two A10921 objective lens mounts are attached to the
A10858 stage block. The lower (inverted) part excites the sample using laser light and measures the fluorescence of the sample
using the PMT module. The upper (upright) part illuminates the observation area using a xenon arc lamp and uses an imaging
camera to observe the observation area and the fluorescence signal.
A plano-convex lens and a fluorescence filter are installed in front of the PMT module to isolate the fluorescence. The plano-convex
lens converges the beam of light. If this causes a problem in the fluorescence filter's wavelength shift, place the filter in front of the
plano-convex lens.
So that there is no interference with the PMT module's measurement, use a wavelength for the imaging camera's illumination that is
different from both the excitation wavelength and the fluorescence wavelength. For example, if you use a 488 nm laser, use a DM505
dichroic mirror for the PMT module and a 530/40 bandpass filter for the emission filter. On the imaging camera side, use a 600 nm
longpass filter for illumination and put a laser-blocking filter in front of the camera.
24
CONNECTION EXAMPLES




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl