Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLR-56MG Datasheet(PDF) 3 Page - Rohm

Part # SLR-56MG
Description  Viewing angle 2 1/2 : 40
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-56MG Datasheet(HTML) 3 Page - Rohm

  SLR-56MG Datasheet HTML 1Page - Rohm SLR-56MG Datasheet HTML 2Page - Rohm SLR-56MG Datasheet HTML 3Page - Rohm SLR-56MG Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rank Reference of Brightness
Red (V)
(Ta=25˚C, IF=10mA)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56VC
Diffused Colored
SLR-56VR
Orange (D)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56DC
Diffused Colored
SLR-56DU
(Ta=25˚C, IF=10mA)
Yellow (Y)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56YC
Diffused Colored
SLR-56YY
(Ta=25˚C, IF=10mA)
Green (M)
Viewing
angle
(2ɵ1/2)
Brightness Rank
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ5
Circular type
40˚
Transparent Colored
SLR-56MC
Diffused Colored
SLR-56MG
(Ta=25˚C, IF=10mA)
※Brightness on specification sheet include tolerance of within ± 10%.
Part No. Construction
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S L R
5 6 V
Series name
Package type
Emitting Color Resin Color
Taping specifications
V
D
Y
M
R <Red>
Diffused Colored
<Orange>
Diffused Colored
<Yellow>
Diffused Colored
<Green>
Diffused Colored
Transparent
Colored
U
Y
G
C
Red:630nm
Orange:605nm
Yellow:587(590)nm
Yellowish-Green:572(563)nm
3F
T
1-Element straight bulk
See taping specifications
C T 3 2
Rank sign (Brightness Rank)∗
K
“−” will be taken out for
emitting color W, B, E series.
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
SLR-56 Series
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.12 - Rev.A


Similar Part No. - SLR-56MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56MG ROHM-SLR-56MG Datasheet
152Kb / 3P
   phi5.0(T-1 3/4) Circular Type Standard Type
SLR-56MG ROHM-SLR-56MG Datasheet
899Kb / 4P
   SLR-56 Series
SLR-56MG ROHM-SLR-56MG Datasheet
899Kb / 4P
   Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
SLR-56MG ROHM-SLR-56MG Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MG ROHM-SLR-56MG Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
More results

Similar Description - SLR-56MG

ManufacturerPart #DatasheetDescription
logo
Rohm
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-343MGT32 ROHM-SLR-343MGT32 Datasheet
167Kb / 6P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLR-332VRT32 ROHM-SLR-332VRT32 Datasheet
868Kb / 4P
   Viewing angle 2 1/2 85
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com