Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C08S-TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT25C08S-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C08S-TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT25C08S-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C08S-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Figure 1. Sychronous Data Timing
Limits
1.8V-6.0V
2.5V-6.0V
4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max. Min.
Max.
Min.
Max.
UNITS
Conditions
tSU
Data Setup Time
50
20
20
ns
VIH = 2.4V
tH
Data Hold Time
50
20
20
ns
CL = 100pF
tWH
SCK High Time
250
75
40
ns
VOL = 0.8V
tWL
SCK Low Time
250
75
40
ns
VOH = 2.0v
fSCK
Clock Frequency
DC
1
DC
5
DC
10
MHz
tLZ
HOLD to Output Low Z
50
50
50
ns
tRI(1)
Input Rise Time
2
2
2
µs
tFI(1)
Input Fall Time
2
2
2
µs
tHD
HOLD Setup Time
100
40
40
ns
tCD
HOLD Hold Time
100
40
40
ns
CL = 100pF
tWC
Write Cycle Time
10
5
5
ms
tV
Output Valid from Clock Low
250
80
80
ns
tHO
Output Hold Time
0
0
0
ns
tDIS
Output Disable Time
250
75
75
ns
tHZ
HOLD to Output High Z
150
50
50
ns
tCS
CS High Time
500
100
100
ns
tCSS
CS Setup Time
500
100
100
ns
tCSH
CS Hold Time
500
100
100
ns
tWPS
WP Setup Time
150
50
50
ns
tWPH
WP Hold Time
150
50
50
ns
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS
CL = 50pF
VALID IN
VIH
VIL
tCSS
VIH
VIL
VIH
VIL
VOH
VOL
HI-Z
tSU
tH
tWH
tWL
tV
tCS
tCSH
tHO
tDIS
HI-Z
CS
SCK
SI
SO
tRI
tFI
Note: Dashed Line= mode (1, 1) – ––––


Similar Part No. - CAT25C08S-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8-GT3 CATALYST-CAT25C08L1I-1.8-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8T3 CATALYST-CAT25C08L1I-1.8T3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-GT3 CATALYST-CAT25C08L1I-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1IT3 CATALYST-CAT25C08L1IT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C08S-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com