Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS10A-12W Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # SRS10A-12W
Description  SRS10A-12W SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRS10A-12W Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  SRS10A-12W Datasheet HTML 1Page - MicroPower Direct, LLC SRS10A-12W Datasheet HTML 2Page - MicroPower Direct, LLC SRS10A-12W Datasheet HTML 3Page - MicroPower Direct, LLC SRS10A-12W Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 5.0 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 3.3 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 2.5 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 2.0 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 1.8 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 1.5 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 1.2 VDC
SRS10A-12W-5.0 - VIN = 12 VDC, VOUT = 0.75 VDC
Temperature Measurement
Derating Curves
These switching regulators may be used in a wide variety of thermal environments, but must be properly cooled to ensure
long reliable operation. The derating curves shown above are approximations of the ambient temperature and airflow
required to maintain the switching regulator temperature below its maximum rating.
Airflow should move parallel to the long axis of the unit, as shown at left. Proper cooling can be verified by measuring the
temperature at pin six of Q1 (as shown at left). The thermocouple should be mounted approximately 0.5 in. off the unit board.
The temperature at this location should not exceed 115°C.
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - SRS10A-12W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS10A-12 MPD-SRS10A-12 Datasheet
593Kb / 4P
   Miniature, Non-isolated 10A Output, Switching POL Regulators
More results

Similar Description - SRS10A-12W

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRL20A-12W MPD-SRL20A-12W Datasheet
739Kb / 4P
   SRL20A-12W SERIES
SRS20A-12W MPD-SRS20A-12W Datasheet
739Kb / 4P
   SRS20A-12W SERIES
logo
Delta Electronics, Inc.
DPS-12FP-A DELTA-DPS-12FP-A Datasheet
1Mb / 3P
   Total power 12W
logo
Phihong USA Inc.
PSC12R-050 PHIHONG-PSC12R-050_14 Datasheet
125Kb / 2P
   10W to 12W Interchangeable Plug Series
logo
HY-LINE Power Component...
P12D243R3S HY-LINE-P12D243R3S Datasheet
281Kb / 3P
   12W DC-DC Converter P12D-Series
Rev: 02.10 f
logo
Phihong USA Inc.
PSC12R-050 PHIHONG-PSC12R-050 Datasheet
83Kb / 2P
   10W to 12W Interchangeable Plug Series
logo
Maxim Integrated Produc...
MAX9741 MAXIM-MAX9741 Datasheet
43Kb / 1P
   12W12W, Filterless, Spread-Spectrum, Stereo, Class D Amplifier
Rev 0; 10/05
logo
NTE Electronics
NTE7146 NTE-NTE7146 Datasheet
26Kb / 2P
   Integrated Circuit Dual (12W 12W) Stereo Amplifier w/Muting
logo
STMicroelectronics
TDA2006 STMICROELECTRONICS-TDA2006 Datasheet
193Kb / 12P
   12W AUDIO AMPLIFIER
May 1995
logo
Delta Electronics, Inc.
DPS-12FPA DELTA-DPS-12FPA Datasheet
1Mb / 3P
   Total power 12W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com