Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRS05A0533 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # SRS05A0533
Description  SRS05A-xx SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

SRS05A0533 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  SRS05A0533 Datasheet HTML 1Page - MicroPower Direct, LLC SRS05A0533 Datasheet HTML 2Page - MicroPower Direct, LLC SRS05A0533 Datasheet HTML 3Page - MicroPower Direct, LLC SRS05A0533 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRS05A-05-3.3 - VIN = 5 VDC, VOUT = 3.3 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 5.0 VDC
SRS05A-05-3.3 - VIN = 5 VDC, VOUT = 2.5 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 3.3 VDC
SRS05-05A-3.3 - VIN = 5 VDC, VOUT = 1.8 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 2.5 VDC
SRS05A-05-3.3 - VIN = 5 VDC, VOUT = 1.5 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 2.0 VDC
SRS05A-05-3.3 - VIN = 5 VDC, VOUT = 1.2 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 1.5 VDC
SRS05A-05-3.3 - VIN = 5 VDC, VOUT = 0.75 VDC
SRS05A-12-5.0 - VIN = 12 VDC, VOUT = 0.75 VDC
Temperature Measurement
Derating Curves
These switching regulators may be used in a wide variety of thermal environments, but must
be properly cooled to ensure long reliable operation. The derating curves shown above are
approximations of the ambient temperature and airflow required to maintain the switching
regulator temperature below its maximum rating.
Airflow should move parallel to the long axis of the unit, as shown at left. Proper cooling can
be verified by measuring the temperature at pin six of Q1 (as shown at left). The thermocouple
should be mounted approximately 0.5 in. off the unit board. The temperature at this location
should not exceed 110°C.
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - SRS05A0533

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRS05A MPD-SRS05A Datasheet
589Kb / 4P
   Miniature, Non-isolated 5A Output, Switching POL Regulators
More results

Similar Description - SRS05A0533

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
   LDF24E-XX-XXX SERIES
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
   SRL-05A-XX SERIES
logo
MRV Communications, Inc...
SFP-O3-M MRV-SFP-O3-M Datasheet
49Kb / 2P
   OC-xx/STM-xx SFP Interfaces
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
   Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Adam Technologies, Inc.
MHF-XX-SGS ADAM-TECH-MHF-XX-SGS Datasheet
111Kb / 1P
   XX POSITION HEADER
logo
MicroPower Direct, LLC
LD48W MPD-LD48W Datasheet
639Kb / 4P
   LD48-xx-xxW
logo
Tyco Electronics
2-1437653-5 MACOM-2-1437653-5 Datasheet
309Kb / 2P
   6PCV-XX-006
logo
JFW Industries, Inc.
50S-1360-XX JFW-50S-1360-XX Datasheet
31Kb / 2P
   50S-1360-XX
logo
MicroPower Direct, LLC
LDM12 MPD-LDM12 Datasheet
590Kb / 2P
   LDM12-xx-xxx
logo
Winchester Electronics ...
20906 WINCHESTER-20906 Datasheet
165Kb / 1P
   COMPSITE OUTLINE ASSY SREC xx PJ SREC xx PJ-859
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com