Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDM12141000 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LDM12141000
Description  LDM12-xx-xxx
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDM12141000 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LDM12141000 Datasheet HTML 1Page - MicroPower Direct, LLC LDM12141000 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection: DC/DC Input
Model
Number
Input
Output
Maximum
Power
(W)
Ripple &
Noise
(mV P-P, Max)
Efficiency
(%, Typ)
Package
Voltage (VDC)
Voltage (VDC)
Current
Range
Range
Max (mA)
Accuracy (%)
LDM12-04-300
7.0 - 16.0
2.0 - 14.0
300
±5
4.2
120
93
8 -Pin MiniDIP
LDM12-05-350
7.0 - 16.0
2.0 - 14.0
350
±6
4.9
150
93
8 -Pin MiniDIP
LDM12-07-500
7.0 - 16.0
2.0 - 14.0
500
±7
7.0
200
93
8 -Pin MiniDIP
LDM12-08-600
7.0 - 16.0
2.0 - 14.0
600
±7
8.4
200
93
8 -Pin MiniDIP
LDM12-10-700
7.0 - 16.0
2.0 - 14.0
700
±7
9.8
250
93
8 -Pin MiniDIP
LDM12-14-1000
7.0 - 16.0
2.0 - 14.0
1,000
±8
14.0
250
93
8 -Pin MiniDIP
Notes:
1. A reversed power source could damage the unit.
4. The VADJ input should be left open if not used. Grounding VADJ will shut the unit
down. Connecting VADJ to VIN may damage the unit.
2. No connection should be made between input ground and the output.
3. These are step-down devices, the maximum output open voltage is
equal to the input voltage.
5. Exceeding the specified maximum output power could cause damage to the unit.
Typical Connection: AC/DC Input
Connection Notes:
To comply with EN61000-4-5, a TVS should be installed before the input filter components. A 3.0SMCJ15A or SMCJ16A is recommended. The TVS max clamping voltage (@max peak pulse
current VC) must be
20V. This will prevent any surge from exceeding the maximum input of the driver (20 VDC). Exceeding the maximum input rating could damage the driver.
The filter shown (C1, C2, C3 and L1) will help to meet conducted emission requirements. With the addition of the filter, the unit should meet the levels of EN 55015.
Connection Notes:
This is a distributed (or two-stage) AC connection. In this configuration, the AC line in (85 to 264 VAC) is connected to the MPM-20S-15EPB, a compact 20W AC/DC
power supply. The MPM-20S-15EPB provides a tightly regulated 15 VDC output at 1,330 mA. The 15 VDC output powers the LED driver.
The two stage approach can simplify the safety approval process (most AC/DC power supplies on the market are approved to EN 60950) and may increase design flex-
ibility. Besides the output voltage/current ratings, other specifications to consider when selecting the input AC/DC supply might include input range, case size, efficiency,
EMI ratings and operating temperature range.
Note: The output current adjustment circuit shown in both connection diagrams is discussed on page 4.


Similar Part No. - LDM12141000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM12-05-350 MPD-LDM12-05-350 Datasheet
590Kb / 4P
   Constant Current Output
LDM12-05-350 MPD-LDM12-05-350 Datasheet
590Kb / 4P
   Miniature, Wide Input Constant Current DC/DC LED Drivers
LDM12-07-500 MPD-LDM12-07-500 Datasheet
590Kb / 4P
   Constant Current Output
More results

Similar Description - LDM12141000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDM24 MPD-LDM24 Datasheet
607Kb / 4P
   LDM24-xx-xxx
LDF24E MPD-LDF24E Datasheet
341Kb / 2P
   LDF24E-XX-XXX SERIES
logo
Samtec, Inc
BTH-030-01-L-D-A SAMTEC-BTH-030-01-L-D-A Datasheet
127Kb / 2P
   RECOMMENDED PCB LAYOUT FOR BTH-XXX-XX-X-D-XX
FTSH-1XX-XX-XXX-DH-XX SAMTEC-FTSH-1XX-XX-XXX-DH-XX Datasheet
85Kb / 2P
   RECOMMENDED PCB LAYOUT FOR FTSH-1XX-XX-XXX-DH-XX
REVISION G
logo
LEDTRONICS, INC
CL200-XXX-120D LEDTRONICS-CL200-XXX-120D Datasheet
56Kb / 1P
   CL200-XXX-120D
logo
MicroPower Direct, LLC
LDB24 MPD-LDB24 Datasheet
325Kb / 2P
   LDB24-XXX
logo
JFW Industries, Inc.
50FHXC-XXX-50 JFW-50FHXC-XXX-50 Datasheet
27Kb / 1P
   50FHXC-XXX-50
logo
Marl International Limi...
LMC MARL-LMC Datasheet
160Kb / 1P
   LMC XXX CTP
LMC MARL-LMC_15 Datasheet
160Kb / 1P
   LMC XXX CTP
logo
Visual Communications C...
CNX310056E4108 VCC-CNX310056E4108 Datasheet
77Kb / 1P
   CNX 310 XXX CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com