Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IG12015 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # IG12015
Description  IG120 SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

IG12015 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  IG12015 Datasheet HTML 1Page - MicroPower Direct, LLC IG12015 Datasheet HTML 2Page - MicroPower Direct, LLC IG12015 Datasheet HTML 3Page - MicroPower Direct, LLC IG12015 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
Operates With xx962 Drivers
Independent Outputs
EN 60950 Approved
3,000 VAC Isolation
Miniature SIP Case
>3.5 MHour MTBF
Seven Standard Models
LOW COST!!
IG120
High Isolation
IGBT Driver
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage Range
See Model Selection Guide
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Line Regulation
For VIN Change of 1%
±1.2
±1.5
%
Load Regulation
See Note 1
6.3
15
%
Ripple & Noise (20 MHz)
100
200
mV P - P
Efficiency
80
%
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
3,000
VAC
Isolation Resistance
1,000
M
Isolation Capacitance, 1 kHz/0.1V
6.6
pF
Switching Frequency
100
300
kHz
EMI Characteristics
Parameter
Standard
Level
Radiated Emissions
See Page 3
EN 55022
Class B
Conducted Emissions
See Page 3
EN 55022
Class B
ESD
EN 61000-4-2
Criteria B; ±8 kV Contact
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+105
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.768 x 0.386 x 0.492 Inches (19.50 x 9.80 x 12.50 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.152 Oz (4.3g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
3.5
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Max Supply Voltage (1 Sec)
IG120-12
-0.7
13
VDC
IG120-12W
-0.7
15
IG100-9, IG100-9D
-0.7
16
IG120-15, IG136-15
-0.7
16
IG120-24
-0.7
26
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - IG12015

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IG120 VISHAY-IG120 Datasheet
73Kb / 3P
   Current Chokes, Axial Leads Noise Suppression Applications
Revision: 28-Apr-16
IG120 VISHAY-IG120 Datasheet
70Kb / 3P
   Current Chokes, Axial Leads Noise Suppression ApplicationsS
01-Jan-2022
logo
MicroPower Direct, LLC
IG120-12 MPD-IG120-12 Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
IG120-12W MPD-IG120-12W Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
IG120-15 MPD-IG120-15 Datasheet
258Kb / 2P
   High Isolation IGBT Driver DC/DC Converters
More results

Similar Description - IG12015

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com