Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ2472C04 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PVZ2472C04
Description  SMD Open Type 2mm Size PVZ2/PVA2 Series
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ2472C04 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PVZ2472C04 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ2472C04 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
R50E.pdf
Jul.23,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
3
Selection Guide of Trimmer Potentiometers
Mounting Method
Surface Mount
PCB Insertion Sealed Construction
2mm size Single Turn
2mm size Single Turn
3mm size Single Turn
6mm size Single Turn
6mm size Single Turn
PVG3G
with Rotational Stop
PVG5
PVM4
PV32H
with Rotational Stop
PV12P
PV37W
PV36W
PV32N
with Rotational Stop
PV12T
PV37X
PV36X
PVZ2A_C04
Low Profile (0.85mm max.)
PVA2
for Automatic Adjustment
(0.9mm max.)
PVZ2R
Rear Adjustment Low Profile with
Smaller Foot print (0.9mm max.)
PVZ3A
for Automatic Adjustment
PVZ3G
Top Adjustment Low Profile
(1.25mm max.)
PVZ3K
Rear Adjustment
PVZ3H
Top Adjustment
3mm size Single Turn
4mm size Single Turn
5mm size 11 Turns
7mm size 4 Turns
6mm size 12 Turns
7mm size 4 Turns
6mm size 12 Turns
10mm size 25 Turns
10mm size 25 Turns
Cermet Resistive Element
Cermet Resistive Element
PVG3A
for Automatic Adjustment
with Rotational Stop
Construction?
Adjustment?
Top
Side
Sealed
Open
Carbon Resistive Element
Cermet Resistive Element
Cermet Resistive Element


Similar Part No. - PVZ2472C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ2472C04 MURATA-PVZ2472C04 Datasheet
1Mb / 55P
   Trimmer Potentiometers
PVZ2472C04 MURATA-PVZ2472C04 Datasheet
1Mb / 55P
   Trimmer Potentiometers
More results

Similar Description - PVZ2472C04

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
R50E MURATA-R50E Datasheet
1Mb / 55P
   Trimmer Potentiometers SMD Open Type 2mm Size PVZ2/PVA2 Series
logo
ALPS ELECTRIC CO.,LTD.
SSAA ALPS-SSAA Datasheet
279Kb / 4P
   2mm-travel Type
logo
ERNI Electronics
DC0000128 ERNI-DC0000128 Datasheet
71Kb / 1P
   Messerleste SMD, Powerm. 2mm Male Con. SMD. Powerm, 2mm
DC0000093 ERNI-DC0000093 Datasheet
104Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
logo
Murata Manufacturing Co...
PVM4A101A01 MURATA-PVM4A101A01 Datasheet
111Kb / 6P
   SMD Sealed Type 4mm Size PVM4 Series
logo
ERNI Electronics
DC0000092 ERNI-DC0000092 Datasheet
111Kb / 1P
   Messerleiste 2mm SMD, 50 polig Male 2mm SMD, 50 contacts
214550 ERNI-214550 Datasheet
71Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100010001 ERNI-100100010001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100302770001 ERNI-100302770001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
100100630001 ERNI-100100630001 Datasheet
77Kb / 1P
   Messerleiste SMD, Powerm. 2mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com