Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFP-100N Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # PFP-100N
Description  High Performing Programmable Controller with Embedded Ethernet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 21Page - Omron Electronics LLC PFP-100N Datasheet HTML 22Page - Omron Electronics LLC PFP-100N Datasheet HTML 23Page - Omron Electronics LLC PFP-100N Datasheet HTML 24Page - Omron Electronics LLC PFP-100N Datasheet HTML 25Page - Omron Electronics LLC PFP-100N Datasheet HTML 26Page - Omron Electronics LLC PFP-100N Datasheet HTML 27Page - Omron Electronics LLC PFP-100N Datasheet HTML 28Page - Omron Electronics LLC PFP-100N Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
CP1L
25
■ Temperature Sensor Units: CP1W-TS001/TS002/TS101/TS102
By mounting a Temperature Sensor Unit to the PLC, inputs can be obtained from thermocouples or platinum resistance thermometers, and tem-
perature measurements can be converted to binary data and stored in the input area of the CPU Unit.
● Specifications
* The indication accuracy when using a K-type thermocouple for temperature less than
−100°C is ±4°C±1 digit max.
● Input Temperature Ranges for CP1W-TS001/002
(The rotary switch can be used to make the following range and input type settings.)
● Input Temperature Ranges for CP1W-TS101/102
(The rotary switch can be used to make the following range and input type settings.)
■ CP1W-SRT21 CompoBus/S I/O Link Unit
The CompoBus/S I/O Link Unit functions as a slave for a CompoBus/S Master Unit (or an SRM1 CompoBus/S Master Control Unit) to form an I/O
Link with 8 inputs and 8 outputs between the CompoBus/S I/O Link Unit and the Master Unit.
Item
Model
CP1W-TS001/002
CP1W-TS101/102
Number of inputs
2 (TS001), 4 (TS002)
2 (TS101), 4 (TS102)
Input types
K, J switchable (Note: Same for all inputs.)
Pt100, JPt100 switchable (Note: Same for all inputs.)
Indication accuracy
(The larger of the indicated value:
±0.5% and ±2°C (See note.)) ±1
digit max. *
(The larger of the indicated value:
±0.5% and ±1°C) ±1 digit max.
Conversion time
250 ms/2 points (TS001, TS101); 250 ms/4 points (TS002, TS102)
Converted tempera-
ture data
Binary
Isolation method
Photocoupler isolation between the temperature input signals.
Input type
Range (
°C)
Range (
°F)
K
−200 to 1300
−300 to 2300
0.0 to 500.0
0.0 to 900.0
J
−100 to 850
−100 to 1500
0.0 to 400.0
0.0 to 750.0
Input type
Range (
°C)
Range (
°F)
Pt100
−200.0 to 650.0
−300 to 1200.0
JPt100
−200.0 to 650.0
−300 to 1200.0
● Specifications
Item
Model
CP1W-SRT21
Master/Slave
CompoBus/S Slave
Number of I/O bits
8 input bits, 8 output bits
Number of words
occupied in CP1L
I/O memory
1 input word, 1 output word
(Allocated in the same way as for
other Expansion Units)
Node number
setting
Set using the DIP switch (before the
CPU Unit is turned ON.)
BD L NC(BS-)
NC
BD H
NC(BS+)
COMM
ERR
ON
12
3
4 5
6
No.
SRT21
EXP
CompoBus/S Master Unit
(or SRM1 CompoBus/S
Master Control Unit)
A maximum of 16 Units can be connected
to one CompoBus/S I/O Link Unit.
CP1W-SRT21
CompoBus/S I/O Link Unit
CP1L
Special flat cable or VCTF cable
CS/CJ Series
C200H
@ Series
CQM1(H) Series
SRM1 Series
CPM2C-S Series
CP1L.fm
25 ページ
2012年3月19日 月曜日 午後1時18分


Similar Part No. - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
883Kb / 18P
   Special-Purpose Photoelectric Sensors
PFP-100N OMRON-PFP-100N Datasheet
398Kb / 15P
   Solid-State Digital Timer
PFP-100N OMRON-PFP-100N Datasheet
51Kb / 2P
   DIN Rail Mounting Track
PFP-100N OMRON-PFP-100N Datasheet
234Kb / 11P
   Economical, Compact, Plug-in Timer
More results

Similar Description - PFP-100N

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
750-880 ETC2-750-880 Datasheet
112Kb / 2P
   PLC - ETHERNET Programmable Fieldbus Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
   Embedded PC with different Ethernet protocols
logo
Axiomtek Co., Ltd.
ICO200 AXIOMTEK-ICO200 Datasheet
195Kb / 1P
   Embedded Field Controller with AMD
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
   C-Programmable Module with Ethernet
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
   C-Programmable Module with Ethernet
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
   Embedded Controller
5/6/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com