Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4275V Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4275V
Description  8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4275V Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4275V Datasheet HTML 2Page - Cypress Semiconductor CY7C4275V Datasheet HTML 3Page - Cypress Semiconductor CY7C4275V Datasheet HTML 4Page - Cypress Semiconductor CY7C4275V Datasheet HTML 5Page - Cypress Semiconductor CY7C4275V Datasheet HTML 6Page - Cypress Semiconductor CY7C4275V Datasheet HTML 7Page - Cypress Semiconductor CY7C4275V Datasheet HTML 8Page - Cypress Semiconductor CY7C4275V Datasheet HTML 9Page - Cypress Semiconductor CY7C4275V Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
CY7C4255V, CY7C4265V
CY7C4275V, CY7C4285V
Document Number: 38-06012 Rev. *D
Page 6 of 24
Functional Description
The CY7C4255/65/75/85V provides five status pins. These pins
are decoded to determine one of five states: Empty, Almost
Empty, Half Full, Almost Full, and Full (see Table 3 on page 7).
The Half Full flag shares the WXO pin. This flag is valid in the
standalone and width expansion configurations. In the depth
expansion, this pin provides the expansion out (WXO)
information that is used to signal the next FIFO when it is to be
activated.
The Empty and Full flags are synchronous, that is, they change
state relative to either the read clock (RCLK) or the write clock
(WCLK). When entering or exiting the Empty states, the flag is
updated exclusively by the RCLK. The flag denoting Full states
is updated exclusively by WCLK. The synchronous flag
architecture guarantees that the flags remain valid from one
clock cycle to the next. The Almost Empty/Almost Full flags
become synchronous if the VCC/SMODE is tied to VSS. All
configurations are fabricated using an advanced 0.35
CMOS technology. Input ESD protection is greater than
2001 V, and latch-up is prevented by the use of guard rings.
Architecture
The
CY7C4255/65/75/85V
consists
of
an
array
of
8K/16K/32K/64K words of 18 bits each (implemented by a dual
port array of SRAM cells), a read pointer, a write pointer, control
signals (RCLK, WCLK, REN, WEN, RS), and flags (EF, PAE, HF,
PAF, FF). The CY7C4255/65/75/85V also includes the control
signals WXI, RXI, WXO, RXO for depth expansion.
Resetting the FIFO
Upon power up, the FIFO must be reset with a Reset (RS) cycle.
This causes the FIFO to enter the Empty condition signified by
EF being LOW. All data outputs go LOW after the falling edge of
RS only if OE is asserted. For the FIFO to reset to its default
state, the user must not read or write while RS is LOW.
FIFO Operation
When the WEN signal is active (LOW), data present on the D0–17
pins is written into the FIFO on each rising edge of the WCLK
signal. Similarly, when the REN signal is active LOW, data in the
FIFO memory is presented on the Q0–17 outputs. New data is
presented on each rising edge of RCLK while REN is active LOW
and OE is LOW. REN must set up tENS before RCLK for it to be
a valid read function. WEN must occur tENS before WCLK for it
to be a valid write function.
An output enable (OE) pin is provided to three-state the Q0–17
outputs when OE is deasserted. When OE is enabled (LOW),
data in the output register is available to the Q0–17 outputs after
tOE. If devices are cascaded, the OE function only outputs data
on the FIFO that is read enabled.
The FIFO contains overflow circuitry to disallow additional writes
when the FIFO is full, and under flow circuitry to disallow
additional reads when the FIFO is empty. An empty FIFO
maintains the data of the last valid read on its Q0–17 outputs even
after additional reads occur.
Programming
The CY7C4255/65/75/85V devices contain two 16-bit offset
registers. Data present on D0–15 during a program write
determine the distance from Empty (Full) that the Almost Empty
(Almost Full) flags become active. If the user elects not to
program the FIFO’s flags, the default offset values are used (see
Table 3 on page 7). When the Load LD pin is set LOW and WEN
is set LOW, data on the inputs D0–15 is written into the Empty
offset register on the first LOW-to-HIGH transition of the write
clock (WCLK). When the LD pin and WEN are held LOW then
data is written into the Full offset register on the second
LOW-to-HIGH transition of the write clock (WCLK). The third
transition of the write clock (WCLK) again writes to the Empty
offset register (see Table 2). All offset registers do not have to be
written at one time. One or two offset registers can be written and
then, by bringing the LD pin HIGH, the FIFO is returned to normal
read/write operation. When the LD pin is set LOW, and WEN is
LOW, the next offset register in sequence is written.
The contents of the offset registers can be read on the output
lines when the LD pin is set LOW and REN is set LOW. Then,
data can be read on the LOW-to-HIGH transition of the read
clock (RCLK).
Flag Operation
The CY7C4255/65/75/85V devices provide five flag pins to
indicate the condition of the FIFO contents. Empty and Full are
synchronous. PAE and PAF are synchronous if VCC/SMODE is
tied to VSS.
Full Flag
The Full Flag (FF) goes LOW when device is Full. Write
operations are inhibited whenever FF is LOW regardless of the
state of WEN. FF is synchronized to WCLK, that is, it is
exclusively updated by each rising edge of WCLK.
Empty Flag
The Empty Flag (EF) goes LOW when the device is empty. Read
operations are inhibited whenever EF is LOW, regardless of the
state of REN. EF is synchronized to RCLK, that is, it is
exclusively updated by each rising edge of RCLK.
Table 2. Write Offset Register
LD
WEN
WCLK[1]
Selection
0
0
Writing to offset registers:
Empty Offset
Full Offset
0
1
No Operation
1
0
Write Into FIFO
1
1
No Operation
Note
1. The same selection sequence applies to reading from the registers. REN is enabled and read is performed on the LOW-to-HIGH transition of RCLK.
[+] Feedback


Similar Part No. - CY7C4275V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4275V CYPRESS-CY7C4275V Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V CYPRESS-CY7C4275V Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-10ASC CYPRESS-CY7C4275V-10ASC Datasheet
283Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
CY7C4275V-15ASC CYPRESS-CY7C4275V-15ASC Datasheet
289Kb / 20P
   32K/64Kx18 Low Voltage Deep Sync FIFOs
More results

Similar Description - CY7C4275V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
   16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
logo
Fujitsu Component Limit...
MB85RS64A FUJITSU-MB85RS64A Datasheet
224Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit SPI
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
   Memory FRAM 64 K (8 K x 8) Bit I2C
logo
Cypress Semiconductor
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
logo
Fujitsu Component Limit...
MB85RC64A FUJITSU-MB85RC64A Datasheet
304Kb / 32P
   64 K (8 K 횞 8) ?볝긿?뉹2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com