Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CND2B10LTE333J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CND2B10LTE333J
Description  bussed square corner resistor array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CND2B10LTE333J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CND2B10LTE333J Datasheet HTML 1Page - List of Unclassifed Manufacturers CND2B10LTE333J Datasheet HTML 2Page - List of Unclassifed Manufacturers CND2B10LTE333J Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
75
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/17/12
CND
bussed square corner resistor array
Absolute
Maximum
Working
Voltage
Resistance
Tolerance
Resistance
Range
E-12
Part
Designation
Maximum
Overload
Voltage
(5 Secs. Max.)
Operating
Temperature
Range
Power Rating
@ 70°C
(Per Element)
T.C.R.
(ppm/°C)
Max.
applications and ratings
CND1J10K
CND1J10Y
CND2A10Y
.063
.05
.031
25V
50V
50V
100V
-55°C to +125°C
±200
47Ω - 39kΩ
22Ω - 39KΩ
100Ω - 100KΩ
J: ±5%
CND2B10V
CND2B10
circuit schematics and markings
103
R
R
R
R
R
R
R
R
10
12
3
4
5
987
6
CND1J10VK
R
R
R
R
R
R
R
R
10
12
3
4
5
98
7
6
R
R
R
R
R
R
R
23
4
5
10
9
8
7
R
16
R
R
R
R
R
R
R
R
10
12
3
4
5
987
6
CND1J10K
CND1J10Y, CND2A10Y
CND2B10V
R
R
R
R
R
R
R
R
10
12
3
4
5
987
6
CND2B10
103
103
103
103
Derating Curve
environmental applications
100
80
60
40
20
20
40
60
80
100120140160
125
70
Ambient Temperature
(°C)
0
0
Circuit Board Application
IC
Vcc
IC
Performance Characteristics
CND1J10VK
Parameter
Requirement ∆ R ±1%
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated voltage x 2.5 for 5 seconds
±2.0%
±0.5%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1.0%
±0.25%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±1.0%
±0.25%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±1.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±1.0%
High Temperature Exposure
+125°C, 1000 hours
±1.0%
±0.2%
For resistors operated at an ambient temperature of 70°C
or above, a power rating shall be derated in accordance
with the above derating curve.


Similar Part No. - CND2B10LTE333J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CND2B10 ETC1-CND2B10 Datasheet
465Kb / 4P
   Manufactured to type RM Standards
logo
KOA Speer Electronics, ...
CND2B10KTTD KOA-CND2B10KTTD Datasheet
113Kb / 4P
   Chip Networks Resistors
CND2B10KTTE KOA-CND2B10KTTE Datasheet
113Kb / 4P
   Chip Networks Resistors
CND2B10VTTD KOA-CND2B10VTTD Datasheet
113Kb / 4P
   Chip Networks Resistors
CND2B10VTTE KOA-CND2B10VTTE Datasheet
113Kb / 4P
   Chip Networks Resistors
More results

Similar Description - CND2B10LTE333J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CND KOA-CND Datasheet
444Kb / 2P
   bussed square corner resistor array
CND1J10VKTTD103J KOA-CND1J10VKTTD103J Datasheet
318Kb / 2P
   bussed square corner resistor array
CNB2B9ZTTE103J KOA-CNB2B9ZTTE103J Datasheet
235Kb / 2P
   bussed concave termination square corner resistor array
CNB KOA-CNB Datasheet
376Kb / 2P
   bussed concave termination square corner resistor array
logo
Bourns Electronic Solut...
CAY17 BOURNS-CAY17 Datasheet
358Kb / 2P
   Bussed Resistor Array
CAY17 BOURNS-CAY17_11 Datasheet
385Kb / 2P
   Bussed Resistor Array
CAY17-560JALF BOURNS-CAY17-560JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-472JALF BOURNS-CAY17-472JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
CAY17-104JALF BOURNS-CAY17-104JALF Datasheet
385Kb / 2P
   Model CAY17 - Bussed Resistor Array
logo
California Micro Device...
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
   BUSSED RESISTOR NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com