Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1L-EM40D Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CP1L-EM40D
Description  High Performing Programmable Controller with Embedded Ethernet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1L-EM40D Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CP1L-EM40D Datasheet HTML 5Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 6Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 7Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 8Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 9Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 10Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 11Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 12Page - Omron Electronics LLC CP1L-EM40D Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CP1L
9
Built-in input terminals
60 (36 inputs,
24 outputs)
40 (24 inputs,
16 outputs)
30 (18 inputs,
12 outputs)
20 (12 inputs,
8 outputs)
14 (8 inputs,
6 outputs)
10 (6 inputs,
4 outputs)
Number of connectable
Expansion Units and
Expansion I/O Units
CP-series Expansion Unit and Expansion I/O Units: 3 max.
CP-series Expansion Units and Expansion
I/O Units: 1 max.
Not supported.
Max. number of I/O points
180 (60 built in + 40
per Expansion (I/O)
Unit
× 3 Units)
160 (40 built in + 40
per Expansion (I/O)
Unit
× 3 Units)
150 (30 built in + 40
per Expansion (I/O)
Unit
× 3 Units)
60 (20 built in + 40
per Expansion (I/O)
Unit
× 1 Unit)
54 (14 built in + 40
per Expansion (I/O)
Unit
× 1 Unit)
10 (10 built in)
Interrupt inputs
6 inputs (Response time: 0.3 ms)
4 inputs (Response
time: 0.3 ms)
2 inputs (Response
time: 0.3 ms)
Interrupt inputs counter
mode
6 inputs (Response frequency: 5 kHz max. for all interrupt inputs), 16 bits
Up or down counters
4 inputs (Response
frequency:
5 kHz max. for all
interrupt inputs),
16 bits
Up or down
counters
2 inputs (Response
frequency:
5 kHz max. for all
interrupt inputs),
16 bits
Up or down
counters
Quick-response inputs
6 points (Min. input pulse width: 50
μs max.)
4 points (Min. input
pulse width: 50
μs
max.)
2 points (Min. input
pulse width: 50
μs
max.)
Scheduled interrupts
1
High-speed counters
4 inputs/2 axes (24 VDC): Differential phases (4x), 50 kHz
Single-phase (pulse plus direction, up/down, increment), 100 kHz
Value range: 32 bits, Linear mode or ring mode
Interrupts: Target value comparison or range comparison
Pulse outputs
(models with
transistor out-
puts only)
Pulse
outputs
Trapezoidal or S-curve acceleration and deceleration (Duty ratio: 50% fixed)
2 outputs, 1 Hz to 100 kHz (CCW/CW or pulse plus direction)
PWM
outputs
Duty ratio: 0.0% to 100.0% (specified in increments of 0.1% or 1%)
2 outputs, 0.1 to 6553.5 Hz or 1 to 32,800 Hz (Accuracy: +1%/0% at 0.1 Hz to 10,000 Hz and +5%/0% at 10,000 Hz to 32,800 Hz)
Analog control
1 (Setting range: 0 to 255)
Analog input
1 input (Resolution: 1/256, Input range: 0 to 10 V). Not isolated.
Type
CP1L-M60
(60 points)
CP1L-M40
(40 points)
CP1L-M30
(30 points)
CP1L-L20
(20 points)
CP1L-L14
(14 points)
CP1L-L10
(10 points)
Item
Models
CP1L-M60
@@-@
CP1L-M40
@@-@
CP1L-M30
@@-@
CP1L-L20
@@-@
CP1L-L14
@@-@
CP1L-L10
@@-@
CP1L.fm
9 ページ
2012年3月27日 火曜日 午後4時39分


Similar Part No. - CP1L-EM40D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CP1-023-ND AD-CP1-023-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V NAIS-CP1-12V Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-X NAIS-CP1-12V-X Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-Z NAIS-CP1-12V-Z Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
More results

Similar Description - CP1L-EM40D

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
750-880 ETC2-750-880 Datasheet
112Kb / 2P
   PLC - ETHERNET Programmable Fieldbus Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
   Embedded PC with different Ethernet protocols
logo
Axiomtek Co., Ltd.
ICO200 AXIOMTEK-ICO200 Datasheet
195Kb / 1P
   Embedded Field Controller with AMD
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
   C-Programmable Module with Ethernet
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
   C-Programmable Module with Ethernet
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
   Embedded Controller
5/6/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com