Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP1L-L14DT-D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CP1L-L14DT-D
Description  High Performing Programmable Controller with Embedded Ethernet
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CP1L-L14DT-D Datasheet(HTML) 5 Page - Omron Electronics LLC

  CP1L-L14DT-D Datasheet HTML 1Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 2Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 3Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 4Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 5Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 6Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 7Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 8Page - Omron Electronics LLC CP1L-L14DT-D Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CP1L
5
■ Expansion Units
CP1L (L Type) CPU Units with 10 points do not support Expansion Units.
■ I/O Connecting Cable
Note: An I/O Connecting Cable (approx. 6 cm) for horizontal connection is provided with CP1W/CPM1A Expansion Units.
■ Optional Products, Maintenance Products and DIN Track Accessories
Name
Output method
Inputs
Outputs
Model
Standards
Expansion I/O Units
Relay
24
16
CP1W-40EDR
N, L, CE
Transistor (sinking)
CP1W-40EDT
Transistor (sourcing)
CP1W-40EDT1
Relay
---
32
CP1W-32ER
N, L, CE
Transistor (sinking)
CP1W-32ET
Transistor (sourcing)
CP1W-32ET1
Relay
12
8
CP1W-20EDR1
U, C, N, L, CE
Transistor (sinking)
CP1W-20EDT
Transistor (sourcing)
CP1W-20EDT1
Relay
---
16
CP1W-16ER
N, L, CE
Transistor (sinking)
CP1W-16ET
Transistor (sourcing)
CP1W-16ET1
---
8
---
CP1W-8ED
U, C, N, L, CE
Relay
---
8
CP1W-8ER
Transistor (sinking)
8
CP1W-8ET
Transistor (sourcing)
CP1W-8ET1
Analog Input Unit
Analog (resolution: 1/6000)
4
---
CP1W-AD041
UC1, N, L, CE
Analog Output Unit
Analog (resolution: 1/6000)
---
4
CP1W-DA041
2
CP1W-DA021
UC1, CE
Analog I/O Unit
Analog (resolution: 1/6000)
2
1
CP1W-MAD11
U, C, N, L, CE
CompoBus/S I/O Link
Unit
---
8
(I/O link input bits)
8
(I/O link input bits)
CP1W-SRT21
U, C, N, L, CE
Temperature Sensor
Unit
2 thermocouple inputs
CP1W-TS001
4 thermocouple inputs
CP1W-TS002
2 platinum resistance thermometer inputs
CP1W-TS101
4 platinum resistance thermometer inputs
CP1W-TS102
Name
Specifications
Model
Standards
I/O Connecting Cable
80 cm (for CP1W/CPM1A Expansion Units)
CP1W-CN811
UC1, N, L, CE
Name
Specifications
Model
Standards
Battery Set
For CPU Units
(Use batteries within two years of manufacture.)
CJ1W-BAT01
CE
DIN Track
Length: 0.5 m; Height: 7.3 mm
PFP-50N
---
Length: 1 m; Height: 7.3 mm
PFP-100N
Length: 1 m; Height: 16 mm
PFP-100N2
End Plate
There are 2 stoppers provided with CPU Units and I/O Interface Units as
standard accessories to secure the Units on the DIN Track.
PFP-M
CP1L.fm
5 ページ
2012年3月19日 月曜日 午後1時18分


Similar Part No. - CP1L-L14DT-D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
CP1-023-ND AD-CP1-023-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Nais(Matsushita Electri...
CP1-12 NAIS-CP1-12 Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V NAIS-CP1-12V Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-X NAIS-CP1-12V-X Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
CP1-12V-Z NAIS-CP1-12V-Z Datasheet
215Kb / 3P
   ULTRA-MINIATURE, LOW PROFILE AUTOMOTIVE RELAY
More results

Similar Description - CP1L-L14DT-D

ManufacturerPart #DatasheetDescription
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
   embedded Ethernet controller
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
   LAN/Modem Controller with Embedded Fast Ethernet PHY
EPC-2020 ETC2-EPC-2020 Datasheet
645Kb / 3P
   Programmable Embedded Controller with Intel짰 Atom??D525 Platform
750-880 ETC2-750-880 Datasheet
112Kb / 2P
   PLC - ETHERNET Programmable Fieldbus Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
Beckhoff Automation Gmb...
CX8190 BECKHOFF-CX8190 Datasheet
140Kb / 3P
   Embedded PC with different Ethernet protocols
logo
Axiomtek Co., Ltd.
ICO200 AXIOMTEK-ICO200 Datasheet
195Kb / 1P
   Embedded Field Controller with AMD
logo
List of Unclassifed Man...
RCM3200 ETC1-RCM3200 Datasheet
2Mb / 96P
   C-Programmable Module with Ethernet
RCM3000 ETC1-RCM3000 Datasheet
2Mb / 128P
   C-Programmable Module with Ethernet
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
   Embedded Controller
5/6/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com