Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2500FP Datasheet(PDF) 4 Page - Motorola, Inc

Part # T2500FP
Description  ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

T2500FP Datasheet(HTML) 4 Page - Motorola, Inc

  T2500FP Datasheet HTML 1Page - Motorola, Inc T2500FP Datasheet HTML 2Page - Motorola, Inc T2500FP Datasheet HTML 3Page - Motorola, Inc T2500FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T2500FP Series
4
Motorola Thyristor Device Data
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
T2500FP/D
*T2500FP/D*


Similar Part No. - T2500FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
Intel Corporation
T2500 INTEL-T2500 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Digitron Semiconductors
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
   BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2500 NJSEMI-T2500 Datasheet
97Kb / 2P
   Triacs Silicon Bidirectional Thyristors
logo
E-SWITCH
T250000 E-SWITCH-T250000 Datasheet
62Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T2500FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210FP NJSEMI-MAC210FP Datasheet
133Kb / 2P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC15-4FP MOTOROLA-MAC15-4FP Datasheet
80Kb / 4P
   ISOLATED TRIACs THYRISTORS 15 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
   ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC223FP NJSEMI-MAC223FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com