Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKCM25X5R0J224M Datasheet(PDF) 2 Page - SAMWHA ELECTRIC

Part # CKCM25X5R0J224M
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCM25X5R0J224M Datasheet(HTML) 2 Page - SAMWHA ELECTRIC

  CKCM25X5R0J224M Datasheet HTML 1Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 2Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 3Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 4Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 5Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 6Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 7Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 8Page - SAMWHA ELECTRIC CKCM25X5R0J224M Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Page 1
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20140112 / mlcc_commercial_2array_en
SAFETY REMINDERS
REMINDERS
Please read before using this product
1.
If you intend to use a product listed in this catalog for a purpose that may cause loss of life or other damage,
you must contact our company’s sales window.
2.
Wemaymodifyproductsordiscontinueproductionofaproductlistedinthiscatalogwithoutpriornotification.
3.
Weprovide“DeliverySpecification”thatexplainprecautionsforthespecificationsandsafetyofeachproduct
listedinthiscatalog.Westronglyrecommendthatyouexchangethesedeliveryspecificationswithcustomers
that use one of these products.
4.
Ifyouplantoexportaproductlistedinthiscatalog,keepinmindthatitmaybearestricteditemaccording
tothe“ForeignExchangeandForeignTradeControlLaw”.Insuchcases,itisnecessarytoacquireexport
permission in harmony with this law.
5.
Any reproduction or transferring of the contents of this catalog is prohibited without prior permission from our
company.
6.
We are not responsible for problems that occur related to the intellectual property rights or other rights of our
company or a third party when you use a product listed in this catalog. We do not grant license of these rights.
7.
Thiscatalogonlyappliestoproductspurchasedthroughourcompanyoroneofourcompany’sofficialagencies.
Thiscatalogdoesnotapplytoproductsthatarepurchasedthroughotherthirdparties.
REMINDERS
Notice:EffectiveJanuary2013,TDKwilluseanewcatalognumberwhichaddsproductthicknessandpackaging
specificationdetail.Thisnewcatalognumbershouldbereferencedonallcatalogordersgoingforward,and
isnotapplicableforOEMpartnumberorders.Pleasebeawarethelastfivedigitsofthecatalognumberwill
differfromtheitemdescription(internalcontrolnumber)ontheproductlabel.ContactyourlocalTDKSales
representative for more information.
(Example)
CatalogIssueddate
CatalogNumber
ItemDescription(OnDeliveryLabel)
Prior to January 2013
C1608C0G1E103J
C1608C0G1E103JT000N
January2013andLater
C1608C0G1E103J080AA
C1608C0G1E103JT000N


Similar Part No. - CKCM25X5R0J224M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCM25X5R0J224M060AA TDK-CKCM25X5R0J224M060AA Datasheet
210Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCM25X5R0J224M060AK TDK-CKCM25X5R0J224M060AK Datasheet
210Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCM25X5R0J224M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com