Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127NP-680M Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH127NP-680M
Description  POWER INDUCTORS SMD Type: CDRH Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127NP-680M Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH127NP-680M Datasheet HTML 1Page - Sumida Corporation CDRH127NP-680M Datasheet HTML 2Page - Sumida Corporation CDRH127NP-680M Datasheet HTML 3Page - Sumida Corporation CDRH127NP-680M Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER INDUCTORS <SMD Type: CDRH Series>
Type: CDRH127 , CDRH127/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/4
Product Description
12.3
×12.3mm Max.(L×W), 8.0mm Max. Height.
・Both standard type CDRH127 and Low DCR type CDRH127/LD are available.
・Inductance Range:1.2μH~1.0mH(CDRH127); 1.0μH~1.0mH(CDRH127/LD).
・Rated current range: 0.55~9.8A(CDRH127); 0.7~14A(CDRH127/LD).
・In addition to the standard versions of inductors shown here, custom inductors are available
to meet your exact requirements.
Feature
・Magnetically shielded construction.
・Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as DC-DC
Converter inductors.
・Qualification to AEC-Q200.
・RoHS Compliance and Halogen free.
Dimensions (mm)
Land Pattern (mm)
Dimension of CDRH127
Part of silk screen
2.
9
7.
0
12
.8
5.4
12.0±0.3
0.2
Max.8.0
5 . 0 ± 0 . 2
Electrode terminal


Similar Part No. - CDRH127NP-680M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127NP-680M SUMIDA-CDRH127NP-680M Datasheet
166Kb / 3P
   POWER INDUCTORS
More results

Similar Description - CDRH127NP-680M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH125NP-100MC SUMIDA-CDRH125NP-100MC Datasheet
191Kb / 4P
   Power Inductors
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
CDRH8D28 SUMIDA-CDRH8D28_1 Datasheet
144Kb / 2P
   Power Inductors
CDRH8D38A SUMIDA-CDRH8D38A Datasheet
209Kb / 2P
   POWER INDUCTORS
CR54 SUMIDA-CR54 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com