Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH6D38NP-6R2NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH6D38NP-6R2NC
Description  SMD Power Inductor CDRH6D38
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH6D38NP-6R2NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH6D38NP-6R2NC Datasheet HTML 1Page - Sumida Corporation CDRH6D38NP-6R2NC Datasheet HTML 2Page - Sumida Corporation CDRH6D38NP-6R2NC Datasheet HTML 3Page - Sumida Corporation CDRH6D38NP-6R2NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 7-Jan-14
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH6D38
Electrical Characteristics
※1. Inductance measuring condition: at 100kHz.
※2. Rated current: The DC current at which the inductance decreases to 65% of it's nominal value or when △t=30℃,
whichever is lower (Ta=20
℃).
0.65
358m(265m)
100
±30%
101
CDRH6D38NP-101NC
0.70
324m(240m)
82
±30%
820
CDRH6D38NP-820NC
0.75
234m(173m)
68
±30%
680
CDRH6D38NP-680NC
0.85
202m(150m)
56
±30%
560
CDRH6D38NP-560NC
0.95
155m(115m)
47
±30%
470
CDRH6D38NP-470NC
1.00
138m(102m)
39
±30%
390
CDRH6D38NP-390NC
1.10
124m (92m)
33
±30%
330
CDRH6D38NP-330NC
1.20
109m (81m)
27
±30%
270
CDRH6D38NP-270NC
1.30
96m (71m)
22
±30%
220
CDRH6D38NP-220NC
1.50
92m (68m)
18
±30%
180
CDRH6D38NP-180NC
1.60
57m (42m)
15
±30%
150
CDRH6D38NP-150NC
1.70
53m (39m)
12
±30%
120
CDRH6D38NP-120NC
2.00
38m (28m)
10
±30%
100
CDRH6D38NP-100NC
2.20
34m (25m)
8.7
±30%
8R7
CDRH6D38NP-8R7NC
2.30
31m (23m)
7.4
±30%
7R4
CDRH6D38NP-7R4NC
2.50
27m (20m)
6.2
±30%
6R2
CDRH6D38NP-6R2NC
2.90
24m (18m)
5.0
±30%
5R0
CDRH6D38NP-5R0NC
3.50
20m (15m)
3.3
±30%
3R3
CDRH6D38NP-3R3NC
Rated Current
(A)
※2
D.C.R.(
Ω)
Max. (Typ.)
(at 20
℃)
Inductance
(
μH )
[ within ]
※1
Stamp
Part Name


Similar Part No. - CDRH6D38NP-6R2NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D38NP-6R2N SUMIDA-CDRH6D38NP-6R2N Datasheet
220Kb / 2P
   POWER INDUCTORS
More results

Similar Description - CDRH6D38NP-6R2NC

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CDRH6D38 AITCOMPONENTS-CDRH6D38 Datasheet
30Kb / 1P
   CDRH6D38 SMD POWER INDUCTOR
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com