Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE-1050 Datasheet(PDF) 4 Page - TDK Electronics

Part # CE-1050
Description  CE Series 1.2 - 2.5A Point of Load Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CE-1050 Datasheet(HTML) 4 Page - TDK Electronics

  CE-1050 Datasheet HTML 1Page - TDK Electronics CE-1050 Datasheet HTML 2Page - TDK Electronics CE-1050 Datasheet HTML 3Page - TDK Electronics CE-1050 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CE Series
CE Series June11 v2
4
LOCAL DISTRIBUTION
TDK-LAMBDA EMEA
www.emea.tdk-lambda.com
TDK-Lambda France SAS
Route de Grivery
ZAC des Delaches
CS 41077
91978 Courtaboeuf Cedex
France
Tel: +33 1 60 12 71 65
Fax: +33 1 60 12 71 66
france@fr.tdk-lambda.com
www.fr.tdk-lambda.com
Italy Sales Office
Via dei Lavoratori 128/130
20092 Cinisello Balsamo (MI)
Italy
Tel: +39 02 61 29 38 63
Fax: +39 02 61 29 09 00
info.italia@it.tdk-lambda.com
www.it.tdk-lambda.com
TDK-Lambda Germany GmbH
Karl-Bold-Strasse 40
77855 Achern
Germany
Tel: +49 7841 666 0
Fax: +49 7841 5000
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
Austria Sales Office
Aredstrasse 22
2544 Leobersdorf
Austria
Tel: +43 2256 655 84
Fax: +43 2256 645 12
info.germany@de.tdk-lambda.com
www.de.tdk-lambda.com
TDK-Lambda UK Ltd.
Kingsley Avenue
Ilfracombe
Devon EX34 8ES
United Kingdom
Tel: +44 (0) 12 71 85 66 66
Fax: +44 (0) 12 71 86 48 94
powersolutions@uk.tdk-lambda.com
www.uk.tdk-lambda.com
Nemic Lambda Ltd.
Kibbutz
Givat Hashlosha 48800
Israel
Tel: +9 723 902 4333
Fax: +9 723 902 4777
info@nemic.co.il
www.nemic.co.il
Russia
Technical Support:
St Petersburg
Tel: +7 (812) 6580463
Sales:
Moscow
Tel: +7 (499) 7557732
info@tdk-lambda.ru
www.tdk-lambda.ru


Similar Part No. - CE-1050

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
CE-10 SENSATA-CE-10 Datasheet
172Kb / 3P
   COST-EFFECTIVE, ESSENTIAL LED CHARGE CONTROLLER
Rev: 07/19/20
logo
Power Systems GmbH+Co.K...
CE-1077 POWER-SYSTEMS-CE-1077 Datasheet
209Kb / 3P
   LED CONVERTER UNIT
logo
DDK Ltd.
CE-10SLBA-S-D DDK-CE-10SLBA-S-D Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE-10SLBA-S-D DDK-CE-10SLBA-S-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
CE-10SLBA-S-D DDK-CE-10SLBA-S-D Datasheet
1Mb / 10P
   Waterproof Circular Connectors (MIL-DTL-5015 Compatible)
More results

Similar Description - CE-1050

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVPL1209SG VPT-SVPL1209SG Datasheet
1Mb / 17P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0510S VPT-SVFA0510S Datasheet
556Kb / 11P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
646Kb / 11P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515S VPT-SVFA0515S Datasheet
554Kb / 11P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510S VPT-SVGA0510S Datasheet
784Kb / 11P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R312SG VPT-SVPL3R312SG Datasheet
1Mb / 15P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515SG VPT-SVFA0515SG Datasheet
1Mb / 13P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0515SG VPT-SVGA0515SG Datasheet
1Mb / 13P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0510SG VPT-SVFA0510SG Datasheet
1Mb / 13P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510SG VPT-SVGA0510SG Datasheet
1Mb / 13P
   SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com