Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CDEP105NP-0R8MC-88 Datasheet(PDF) 1 Page - Sumida Corporation

Part No. CDEP105NP-0R8MC-88
Description  SMD Power Inductor CDEP105
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUMIDA [Sumida Corporation]
Homepage  http://www.sumida.com
Logo 

CDEP105NP-0R8MC-88 Datasheet(HTML) 1 Page - Sumida Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP105
Description
• Ferrite core construction.
• Magnetically shielded.
• L
×W×H: 10.4×10.4×5.6 mm Max.
• Product weight: 1.5g(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+125℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+125℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
• 13.0”diameter reel
• 500pcs per reel
Applications
• Ideally used in PC and other high current
power supply.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
Electrical Characteristics1 – Low D.C.R. Type
4.9
4.0
4.8
23.8(19.8)
8.8
±20%
8R8ML
CDEP1Ø5NP-8R8MC-88
6.2
4.2
5.3
18.0(15.0)
7.2
±20%
7R2ML
CDEP1Ø5NP-7R2MC-88
7.4
4.9
5.8
12.4(10.3)
5.7
±20%
5R7ML
CDEP1Ø5NP-5R7MC-88
7.8
5.7
6.8
10.5(8.7)
4.3
±20%
4R3ML
CDEP1Ø5NP-4R3MC-88
9.0
6.6
7.8
7.5(6.2)
3.2
±20%
3R2ML
CDEP1Ø5NP-3R2MC-88
11.2
8.0
9.6
5.3(4.4)
2.2
±20%
2R2ML
CDEP1Ø5NP-2R2MC-88
13.0
10.0
12.0
4.1(3.4)
1.4
±20%
1R4ML
CDEP1Ø5NP-1R4MC-88
17.7
13.2
16.0
2.4(2.0)
0.8
±20%
0R8ML
CDEP1Ø5NP-ØR8MC-88
19.0
20.0
24.0
1.7(1.4)
0.36
±30%
0R3NL
CDEP1Ø5NP-ØR3NC-88
(at100
℃)
(at 20
℃)
TEMPERATURE
RISE CURRENT
( A )
※3
△T=40℃
SATURATION
CURRENT( A )
※2
D.C.R.. (m
Ω)
[MAX.]
(at 20
℃)
INDUCTANCE
(
μH) ※1
STAMP
PART NO.
10.0±0.4
10
.0
±
0.
4
Max.5.6
1.
0.
1
2.
0.
1
3.8
2.9
5.
0.
2
2.
0.
1
8.5 2.
5
11.0
2.9
3.8
2.0


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn