Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT28C161U14-25TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT28C161U14-25TE13
Description  Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C161U14-25TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28C161U14-25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT28C161U14-25TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9-103
CAT25CXXX
Stock No. 21085-01 4/98
Advanced
Figure 7. WRSR Timing
25C128 F08
0
1
2
345
67
8
10
911
12
13
14
6
74
53
2
1
0
CS
SCK
SI
SO
INSTRUCTION
DATA IN
Figure 6. Write Instruction Timing
SK
SI
CS
SO
0
0
0
0
0
0
1
0
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
012345678
21
22
23
24
25
26
27
28
29
30
31
Figure 5. RDSR Timing
25C128 F09
0
1
2
345
67
8
10
911
12
13
14
6
74
53
2
1
0
CS
SCK
SI
SO
HIGH IMPEDANCE
MSB
DATA OUT


Similar Part No. - CAT28C161U14-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C161U14-25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C163 CATALYST-CAT24C163 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com