Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1550L40N Datasheet(PDF) 7 Page - TDK Electronics

Part # PS1550L40N
Description  Pin terminal/Lead Without oscillator circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PS1550L40N Datasheet(HTML) 7 Page - TDK Electronics

  PS1550L40N Datasheet HTML 1Page - TDK Electronics PS1550L40N Datasheet HTML 2Page - TDK Electronics PS1550L40N Datasheet HTML 3Page - TDK Electronics PS1550L40N Datasheet HTML 4Page - TDK Electronics PS1550L40N Datasheet HTML 5Page - TDK Electronics PS1550L40N Datasheet HTML 6Page - TDK Electronics PS1550L40N Datasheet HTML 7Page - TDK Electronics PS1550L40N Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
(6/7)
007-01 / 20110508 / ef532_ps.fm
• All specifications are subject to change without notice.
PS19 TYPE
PS1927P02
FEATURES
• High sound pressure.
• Piezo element is coated with water proof processing.
SHAPES AND DIMENSIONS
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
LEAD WIRE TYPE
PS15 TYPE
PS1550L40N
FEATURES
• Miniature size(ø15
×T1.6mm).
• High cost performance.
• The installation of this type is easy with both-sided tape.
• This product adopts an excellent both-sided adhesive tape in
bonding and the sound characteristic.
SHAPES AND DIMENSIONS
SPECIFICATIONS AND CHARACTERISTICS
FREQUENCY SOUND PRESSURE CHARACTERISTICS
SINE WAVE DRIVE
SQUARE WAVE DRIVE
∗ The frequency characteristic changes depending on the case shape and the
installation method.
23max.
9.5
10.5
Dimensions in mm
7.4
Sound hole
Sound pressure
90dBA/
10cm min.
[at 2.7kHz, 10V0-P rectangular
wave, measuring temperature:
25±5°C, humidity: 60±10%]
Operating temperature
range
–10 to +70°C
Storage conditions
+5 to +40°C, 20 to 70%RH,
please use within 6 months
Maximum input voltage
20V0-P max.
[without DC bias]
Minimum delivery unit
600 pieces
1000
2000
5000
10000
100
90
80
70
Frequency(Hz)
at 3Vrms sine wave
1000
2000
5000
10000
90
80
70
60
Frequency(Hz)
at 3V0-P square wave
Dimensions in mm
40
±5
ø15
±0.3
2
±1.5
ø14
±0.3
ø10
±0.3
Both-sided adhesive tape
Element
Metal
Red
UL3302 AWG32
Black
Operating temperature
range
–10 to +70°C
Storage conditions
+5 to +40°C, 20 to 70%RH,
please use within 6 months
Maximum input voltage
20V0-P max.
[without DC bias]
Minimum delivery unit
4000 pieces
1000
2000
5000
10000
90
80
70
60
Frequency(Hz)
at 3V0-P square wave
1000
2000
5000
10000
100
90
80
70
Frequency(Hz)
at 2.83Vrms sine wave


Similar Part No. - PS1550L40N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PS1550L40N TDK-PS1550L40N Datasheet
128Kb / 7P
   Piezoelectronic Buzzers
More results

Similar Description - PS1550L40N

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
H2082-01 HARWIN-H2082-01 Datasheet
68Kb / 1P
   TERMINAL PIN
H2087-01 HARWIN-H2087-01 Datasheet
67Kb / 1P
   TERMINAL PIN
H2081-01 HARWIN-H2081-01 Datasheet
65Kb / 1P
   TERMINAL PIN
H2157-00 HARWIN-H2157-00 Datasheet
92Kb / 1P
   TERMINAL PIN
H2170-01 HARWIN-H2170-01 Datasheet
57Kb / 1P
   TERMINAL PIN
H2175-01 HARWIN-H2175-01 Datasheet
78Kb / 1P
   TERMINAL PIN
H2088-01 HARWIN-H2088-01 Datasheet
66Kb / 1P
   TERMINAL PIN
H2083-01 HARWIN-H2083-01 Datasheet
68Kb / 1P
   TERMINAL PIN
H2085-01 HARWIN-H2085-01 Datasheet
67Kb / 1P
   TERMINAL PIN
H2176-01 HARWIN-H2176-01 Datasheet
92Kb / 1P
   TERMINAL PIN
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com