Electronic Components Datasheet Search |
|
CAT24WC03PI-1.8TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor |
|
CAT24WC03PI-1.8TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor |
7 / 8 page CAT24WC03/05/09/17 7 Doc. No. 25063-00 2/98 S-1 Preliminary the low order address bits by one. The high order bits remain unchanged. If the Master transmits more than 16 bytes prior to sending the STOP condition, the address counter ‘wraps around’, and previously transmitted data will be overwrit- ten. Once all 16 bytes are received and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point all received data is written to the CAT24WC03/05/09/17 in a single write cycle. Acknowledge Polling The disabling of the inputs can be used to take advan- tage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host’s write operation, the CAT24WC03/05/09/17 initiates the inter- nal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT24WC03/ 05/09/17 is still busy with the write operation, no ACK will be returned. If the CAT24WC03/05/09/17 has com- pleted the write operation, an ACK will be returned and the host can then proceed with the next read or write operation. WRITE PROTECTION The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the upper half (locations 80H to FFH for 24WC03, locations 100H to 1FFH for 24WC05, locations 200H to 3FFH for 24WC09, locations 400H to 7FFH for 24WC17) of the memory array is protected and becomes read only. The CAT24WC03/05/09/17 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device’s failure to send an acknowledge after the first byte of data is received. READ OPERATIONS The READ operation for the CAT24WC03/05/09/17 is initiated in the same manner as the write operation with the one exception that the R/ W bit is set to a one. Three different READ operations are possible: Immediate Ad- dress READ, Selective READ and Sequential READ. Immediate Address Read The CAT24WC03/05/09/17’s address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. If N=E (where E = 255 for 24WC03, 511 for 24WC05, 1023 for 24WC09, and 2047 for 24WC17), then the counter will ‘wrap around’ to address 0 and continue to clock out data. After the CAT24WC03/05/09/17 receives its slave ad- dress information (with the R/ W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Selective Read Selective READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a ‘dummy’ write operation by sending the START condition, slave address and byte address of the location it wishes to read. After the CAT24WC03/05/09/17 acknowledge the word address, the Master device resends the START condition and the slave address, this time with the R/ W bit set to one. The CAT24WC03/05/09/17 then responds with its acknowledge and sends the 8-bit byte requested. 5020 FHD F10 Figure 8. Immediate Address Read Timing SCL SDA 8TH BIT STOP NO ACK DATA OUT 89 SLAVE ADDRESS S A C K DATA N O A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T |
Similar Part No. - CAT24WC03PI-1.8TE13 |
|
Similar Description - CAT24WC03PI-1.8TE13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |