Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-W605XS Datasheet(PDF) 2 Page - Sanken electric

Part # STR-W605XS
Description  PWM Off-Line Switching Regulator ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W605XS Datasheet(HTML) 2 Page - Sanken electric

  STR-W605XS Datasheet HTML 1Page - Sanken electric STR-W605XS Datasheet HTML 2Page - Sanken electric STR-W605XS Datasheet HTML 3Page - Sanken electric STR-W605XS Datasheet HTML 4Page - Sanken electric STR-W605XS Datasheet HTML 5Page - Sanken electric STR-W605XS Datasheet HTML 6Page - Sanken electric STR-W605XS Datasheet HTML 7Page - Sanken electric STR-W605XS Datasheet HTML 8Page - Sanken electric STR-W605XS Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SANKEN ELECTRIC CO., LTD.
STR-A6000S-DS
PWM Off-Line Switching Regulator ICs
STR-W6000S
Series
February 27, 2013
Selection Guide
Part Number
Power MOSFET
Output Power*, POUT (W)
VDSS(min)
(V)
RDS(ON)(max)
(Ω)
230 VAC
85 to
265 VAC
STR-W6051S
650
3.95
45
30
STR-W6052S
650
2.8
60
40
STR-W6053S
650
1.9
90
60
*The listed output power is based on the thermal ratings, and the peak output power can be 120% to
140% of the value stated here. At low output voltage and short duty cycle, the output power may be less
than the value stated here.
Features and Benefits (continued)
▪ Audible Noise Suppression function during Standby mode
▪ Protection features
▫ Overcurrent protection (OCP): pulse-by-pulse,
with input compensation function
▫ Overvoltage protection (OVP): auto-restart
▫ Overload protection (OLP): auto-restart, with timer
▫ Thermal shutdown protection (TSD): auto-restart


Similar Part No. - STR-W605XS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-W6051S SANKEN-STR-W6051S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6052S SANKEN-STR-W6052S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6053S SANKEN-STR-W6053S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-W605XS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com