Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6062H Datasheet(PDF) 4 Page - Sanken electric

Part # STR-A6062H
Description  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6062H Datasheet(HTML) 4 Page - Sanken electric

  STR-A6062H Datasheet HTML 1Page - Sanken electric STR-A6062H Datasheet HTML 2Page - Sanken electric STR-A6062H Datasheet HTML 3Page - Sanken electric STR-A6062H Datasheet HTML 4Page - Sanken electric STR-A6062H Datasheet HTML 5Page - Sanken electric STR-A6062H Datasheet HTML 6Page - Sanken electric STR-A6062H Datasheet HTML 7Page - Sanken electric STR-A6062H Datasheet HTML 8Page - Sanken electric STR-A6062H Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SANKEN ELECTRIC CO., LTD.
STR-A6000H-DS
PWM Off-Line Switching Regulator ICs
STR-A6000H
Series
January 8, 2013
Electrical Characteristics of MOSFET Unless otherwise specified, TA is 25°C
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage
VDSS
STR-A6059H
8 – 1
650
V
STR-A6061H
STR-A6062H
STR-A6069H
700
V
Drain Leakage Current
IDSS
8 – 1
300
μA
On-Resistance
RDS(ON)
STR-A6059H
STR-A6069H
8 – 1
––6
Ω
STR-A6061H
3.95
Ω
STR-A6062H
2.8
Ω
Switching Time
tf
8 – 1
250
ns
Thermal Resistance
Rθch-C
The thermal resistance between
the channels of the MOSFET and
the case. Case temperature, TC, is
measured at the center of the case
top surface.
22
°C/W


Similar Part No. - STR-A6062H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6062H SANKEN-STR-A6062H Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6062H SANKEN-STR-A6062H Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6062HD SANKEN-STR-A6062HD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A6062HD SANKEN-STR-A6062HD Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6062H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com