Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A6059H Datasheet(PDF) 11 Page - Sanken electric

Part # STR-A6059H
Description  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A6059H Datasheet(HTML) 11 Page - Sanken electric

Back Button STR-A6059H Datasheet HTML 5Page - Sanken electric STR-A6059H Datasheet HTML 6Page - Sanken electric STR-A6059H Datasheet HTML 7Page - Sanken electric STR-A6059H Datasheet HTML 8Page - Sanken electric STR-A6059H Datasheet HTML 9Page - Sanken electric STR-A6059H Datasheet HTML 10Page - Sanken electric STR-A6059H Datasheet HTML 11Page - Sanken electric STR-A6059H Datasheet HTML 12Page - Sanken electric STR-A6059H Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
SANKEN ELECTRIC CO., LTD.
STR-A6000H-DS
PWM Off-Line Switching Regulator ICs
STR-A6000H
Series
January 8, 2013
0~15°
0~15°
0.25 +0.1
- 0.05
1
4
5
8
9.4 ±0.3
0.5 ±0.1
0.89 TYP
(7.6 TYP)
2.54 TYP
-0.05
-0.05
+0.3
+0.3
1.0
1.52
Unit: mm
Part Number
Lot Number
Sanken Control Number
A60xxH
SK YMD
Y is the last digit of the year (0 to 9)
M is the month (1 to 9, O, N, or D)
D is a period of days (1 to 3):
1 – 1st to 10th
2 – 11th to 20th
3 – 21st to 31st
8
1
Package Diagram
Device composition compliant with the RoHS directive.
• DIP8 package
• The following show a representative type of DIP8.
• The pin 6 is removed to provide greater creepage and clearance isolation between the high
voltage pins (pins 7 and 8: D/ST) and the low voltage pin (pin 5: VCC).


Similar Part No. - STR-A6059H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A6059H SANKEN-STR-A6059H Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6059H SANKEN-STR-A6059H Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Similar Description - STR-A6059H

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com