Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-A606XH Datasheet(PDF) 12 Page - Sanken electric

Part # STR-A606XH
Description  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A606XH Datasheet(HTML) 12 Page - Sanken electric

Back Button STR-A606XH Datasheet HTML 5Page - Sanken electric STR-A606XH Datasheet HTML 6Page - Sanken electric STR-A606XH Datasheet HTML 7Page - Sanken electric STR-A606XH Datasheet HTML 8Page - Sanken electric STR-A606XH Datasheet HTML 9Page - Sanken electric STR-A606XH Datasheet HTML 10Page - Sanken electric STR-A606XH Datasheet HTML 11Page - Sanken electric STR-A606XH Datasheet HTML 12Page - Sanken electric STR-A606XH Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
SANKEN ELECTRIC CO., LTD.
STR-A6000H-DS
PWM Off-Line Switching Regulator ICs
STR-A6000H
Series
January 8, 2013
Operating Precautions
In the case that you use Sanken products or design your prod-
ucts by using Sanken products, the reliability largely depends
on the degree of derating to be made to the rated values. Derat-
ing may be interpreted as a case that an operation range is set
by derating the load from each rated value or surge voltage or
noise is considered for derating in order to assure or improve
the reliability. In general, derating factors include electric
stresses such as electric voltage, electric current, electric power
etc., environmental stresses such as ambient temperature,
humidity etc. and thermal stress caused due to self-heating of
semiconductor products. For these stresses, instantaneous val-
ues, maximum values and minimum values must be taken into
consideration. In addition, it should be noted that since power
devices or IC’s including power devices have large self-heating
value, the degree of derating of junction temperature affects the
reliability significantly.
Because reliability can be affected adversely by improper stor-
age environments and handling methods, please observe the
following cautions.
Cautions for Storage
• Ensure that storage conditions comply with the standard tem-
perature (5 to 35°C) and the standard relative humidity (around
40 to 75%); avoid storage locations that experience extreme
changes in temperature or humidity.
• Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
• Reinspect for rust on leads and solderability of the products
that have been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between the product pins, and
wrong connections. Ensure all test parameters are within the
ratings specified by Sanken for the products.
Remarks About Using Silicone Grease with a Heatsink
• When silicone grease is used in mounting the products on a
heatsink, it shall be applied evenly and thinly. If more silicone
grease than required is applied, it may produce excess stress.
• Volatile-type silicone greases may crack after long periods of
time, resulting in reduced heat radiation effect. Silicone greases
with low consistency (hard grease) may cause cracks in the
mold resin when screwing the products to a heatsink.
Our recommended silicone greases for heat radiation purposes,
which will not cause any adverse effect on the product life, are
indicated below:
Type
Suppliers
G746
Shin-Etsu Chemical Co., Ltd.
YG6260
Momentive Performance Materials Inc.
SC102
Dow Corning Toray Co., Ltd.
Soldering
• When soldering the products, please be sure to minimize the
working time, within the following limits:
260 ± 5 °C
10 ± 1 s (Flow, 2 times)
380 ± 10 °C
3.5 ± 0.5 s (Soldering iron, 1 time)
• Soldering should be at a distance of at least 1.5 mm from the
body of the products.
Electrostatic Discharge
• When handling the products, the operator must be grounded.
Grounded wrist straps worn should have at least 1MΩ of resis-
tance from the operator to ground to prevent shock hazard, and
it should be placed near the operator.
• Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
• When using measuring equipment such as a curve tracer, the
equipment should be grounded.
• When soldering the products, the head of soldering irons or
the solder bath must be grounded in order to prevent leak volt-
ages generated by them from being applied to the products.
• The products should always be stored and transported in
Sanken shipping containers or conductive containers, or be
wrapped in aluminum foil.


Similar Part No. - STR-A606XH

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results

Similar Description - STR-A606XH

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com